| Electronic Components Datasheet Search |
|
DS31256 Datasheet(PDF) 138 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256 Datasheet(HTML) 138 Page - Maxim Integrated Products |
|
138 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 138 of 183 10.2.1 Command Bits (PCMD0) Bit 0/I/O Space Control (IOC). This read-only bit is forced to 0 by the device to indicate that it does not respond to I/O space accesses. Bit 1/Memory Space Control (MSC). This read/write bit controls whether or not the device responds to accesses by the PCI bus to the memory space (the internal device configuration registers). When this bit is set to 0, the device ignores accesses attempted to the internal configuration registers. When set to 1, the device allows accesses to the internal configuration registers. This bit should be set to 0 when the local bus is operated in the configuration mode. This bit is forced to 0 when a hardware reset is initiated through the PRST pin. 0 = ignore accesses to the internal device configuration registers 1 = allow accesses to the internal device configuration registers Bit 2/Master Control (MASC). This read/write bit controls whether or not the device can act as a master on the PCI bus. When this bit is set to 0, the device cannot act as a master. When it is set to 1, the device can act as a bus master. This bit is forced to 0 when a hardware reset is initiated through the PRST pin. 0 = deny the device from operating as a bus master 1 = allow the device to operate as a bus master Bit 3/Special Cycle Control (SCC). This read-only bit is forced to 0 by the device to indicate that it cannot decode special cycle operations. Bit 4/Memory Write and Invalidate Command Enable (MWEN). This read-only bit is forced to 0 by the device to indicate that it cannot generate the memory write and invalidate command. Bit 5/VGA Control (VGA). This read-only bit is forced to 0 by the device to indicate that it is not a VGA- compatible device. Bit 6/Parity Error Response Control (PARC). This read/write bit controls whether or not the device should ignore parity errors. When this bit is set to 0, the device ignores any parity errors that it detects and continues to operate normally. When this bit is set to 1, the device must act on parity errors. This bit is forced to 0 when a hardware reset is initiated through the PRST pin. 0 = ignore parity errors 1 = act on parity errors Bit 7/Address Stepping Control (STEPC). This read-only bit is forced to 0 by the device to indicate that it is not capable of address/data stepping. Bit 8/PCI System Error Control (PSEC). This read/write bit controls whether or not the device should enable the PSERR output pin. When this bit is set to 0, the device disables the PSERR pin. When this bit is set to 1, the device enables the PSERR pin. This bit is forced to 0 when a hardware reset is initiated through the PRST pin. 0 = disable the PSERR pin 1 = enable the PSERR pin Bit 9/Fast Back-to-Back Master Enable (FBBEN). This read-only bit is forced to 0 by the device to indicate that it is not capable of generating fast back-to-back transactions to different agents. Bits 10 to 15/Reserved. These read-only bits are forced to 0 by the device. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |