Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8031AH Datasheet (PDF) - Intel Corporation

8031AH Datasheet PDF - Intel Corporation
Part # 8031AH
Download  8031AH Download

File Size   794.25 Kbytes
Page   21 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description MCS 51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS

8031AH Datasheet (PDF)

Go To PDF Page Download Datasheet
8031AH Datasheet PDF - Intel Corporation

Part # 8031AH
Download  8031AH Click to download

File Size   794.25 Kbytes
Page   21 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description MCS 51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS

8031AH Datasheet (HTML) - Intel Corporation

Back Button 8031AH Datasheet HTML 1Page - Intel Corporation 8031AH Datasheet HTML 2Page - Intel Corporation 8031AH Datasheet HTML 3Page - Intel Corporation 8031AH Datasheet HTML 4Page - Intel Corporation 8031AH Datasheet HTML 5Page - Intel Corporation 8031AH Datasheet HTML 6Page - Intel Corporation 8031AH Datasheet HTML 7Page - Intel Corporation 8031AH Datasheet HTML 8Page - Intel Corporation 8031AH Datasheet HTML 9Page - Intel Corporation 8031AH Datasheet HTML 10Page - Intel Corporation Next Button 

8031AH Product details

The MCS@51 controllers are optimized for control applications. Byte-processing and numerical operations on small data structures are facilitated by a variety of fast addressing modes for accessing the internal RAM. The instruction set provides a convenient menu of 8-bit arithmetic instructions, including multiply and divide instructions. Extensive on-chip support is provided for one-bit variables as a separate data type, allowing direct bit manipulation and testing in control and logic systems that require Boolean processing.
The 8751H is an EPROM version of the 8051AH. It has 4 Kbytes of electrically programmable ROM which can be erased with ultraviolet light. His fully compatible with the 8051AH but incorporates one additional feature: a Program Memory Security bit that can be used to protect the EPROM against unauthorized readout. The 8751H-8 is identical to the 8751H but only operates up to 8 MHz.
The 8051AHP is identical to the 8051AH with the exception of the Protection Feature. To incorporate this Protection Feature, program verification has been disabled and external memory accesses have been limited to 4K.
The 8052AH is an enhanced version of the 8051AH. It is backwards compatible with the 8051AH and is fabricated with HMOS II technology. The 8052AH enhancements are listed in the table below. Also refer to this table for the ROM, ROMless and-EPROM versions of each product.

■ High Performance HMOS Process
■ Internal Timers/Event Counters
■ 2-Level interrupt Priority Structure
■ 32 1/0 Lines (Four 8-Bit Ports)
■ 64K External Program Memory Space
■ Security Feature Protects EPROM Parts Against Software Piracy
■ Boolean Processor
■ Bit-Addressable RAM
■ Programmable Full Duplex Serial Channel
■ 111 Instructions (64 Single-Cycle)
■ 64K External Data Memory Space
■ Extended Temperature Range (–40”C to +85”C)




Similar Part No. - 8031AH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8031AH INTEL-8031AH Datasheet
762Kb / 21P
   MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
8031AH INTEL-8031AH Datasheet
1,021Kb / 14P
   8 BIT CONTROL ORIENTED MICROCOMPUTERS
logo
NXP Semiconductors
8031AH PHILIPS-8031AH Datasheet
738Kb / 9P
   SINGLE CHIP 8 BIT MICROCONTROLLER
December 29 1992
logo
Intel Corporation
8031AH INTEL-8031AH Datasheet
168Kb / 11P
   NMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
8031AH INTEL-8031AH_95 Datasheet
168Kb / 11P
   NMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
More results


Similar Description - 8031AH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8051AH INTEL-8051AH Datasheet
762Kb / 21P
   MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
P8031AH INTEL-P8031AH Datasheet
1,021Kb / 14P
   8 BIT CONTROL ORIENTED MICROCOMPUTERS
MCS-51 INTEL-MCS-51 Datasheet
976Kb / 16P
   MCS-51 and MCS-96 Packaging Information
logo
SyncMOS Technologies,In...
SM59A16U1 SYNCMOS-SM59A16U1 Datasheet
2Mb / 146P
   Instruction-set compatible with MCS-51
SM59R02G1 SYNCMOS-SM59R02G1 Datasheet
786Kb / 57P
   Instruction-set compatible with MCS-51
logo
NEC
UPD78310 NEC-UPD78310 Datasheet
1Mb / 26P
   8-BIT, SINGLE-CHIP CMOS MICROCOMPUTERS, REAL-TIME CONTROL ORIENTED
logo
NXP Semiconductors
PCA84C122 PHILIPS-PCA84C122 Datasheet
142Kb / 24P
   8-bit microcontrollers for remote control transmitters
1995 May 01
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com