Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC11A8TS Datasheet (PDF) - Motorola, Inc

MC68HC11A8TS Datasheet PDF - Motorola, Inc
Part # MC68HC11A8TS
Download  MC68HC11A8TS Download

File Size   286.34 Kbytes
Page   45 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8-Bit Microcontrollers

MC68HC11A8TS Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC11A8TS Datasheet PDF - Motorola, Inc

Part # MC68HC11A8TS
Download  MC68HC11A8TS Click to download

File Size   286.34 Kbytes
Page   45 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8-Bit Microcontrollers

MC68HC11A8TS Datasheet (HTML) - Motorola, Inc

Back Button MC68HC11A8TS Datasheet HTML 1Page - Motorola, Inc MC68HC11A8TS Datasheet HTML 2Page - Motorola, Inc MC68HC11A8TS Datasheet HTML 3Page - Motorola, Inc MC68HC11A8TS Datasheet HTML 4Page - Motorola, Inc MC68HC11A8TS Datasheet HTML 5Page - Motorola, Inc MC68HC11A8TS Datasheet HTML 6Page - Motorola, Inc MC68HC11A8TS Datasheet HTML 7Page - Motorola, Inc MC68HC11A8TS Datasheet HTML 8Page - Motorola, Inc MC68HC11A8TS Datasheet HTML 9Page - Motorola, Inc MC68HC11A8TS Datasheet HTML 10Page - Motorola, Inc Next Button 

MC68HC11A8TS Product details

Introduction
The MC68HC11A8, MC68HC11A1, and MC68HC11A0 high-performance microcontroller units (MCUs) are based on the M68HC11 Family. These high speed, low power consumption chips have multiplexed buses and a fully static design. The chips can operate at frequencies from 3 MHz to dc. The three MCUs are created from the same masks; the only differences are the value stored in the CONFIG register, and whether or not the ROM or EEPROM is tested and guaranteed.

Features
• M68HC11 CPU
• Power Saving STOP and WAIT Modes
• 8 Kbytes ROM
• 512 Bytes of On-Chip EEPROM
• 256 Bytes of On-Chip RAM (All Saved During Standby)
• 16-Bit Timer System
    — 3 Input Capture Channels
    — 5 Output Compare Channels
• 8-Bit Pulse Accumulator
• Real-Time Interrupt Circuit
• Computer Operating Properly (COP) Watchdog System
• Synchronous Serial Peripheral Interface (SPI)
• Asynchronous Nonreturn to Zero (NRZ) Serial Communications Interface (SCI)
• 8-Channel, 8-Bit Analog-to-Digital (A/D) Converter
• 38 General-Purpose Input/Output (I/O) Pins
    — 15 Bidirectional I/O Pins
    — 11 Input-Only Pins and 12 Output-Only Pins (Eight Output-Only Pins in 48-Pin Package)
• Available in 48-Pin Dual In-Line Package (DIP) or 52-Pin Plastic Leaded Chip Carrier (PLCC)




Similar Part No. - MC68HC11A8TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC11A8TS NXP-MC68HC11A8TS Datasheet
3Mb / 52P
   8-Bit Microcontroller
More results


Similar Description - MC68HC11A8TS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com