Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN80C188XL20 Datasheet (PDF) - InnovASIC, Inc

EN80C188XL20 Datasheet PDF - InnovASIC, Inc
Part # EN80C188XL20
Download  EN80C188XL20 Download
File Size   1318.87 Kbytes
Page   75 Pages
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc
Description 16-Bit Microcontroller

EN80C188XL20 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN80C188XL20 Datasheet PDF - InnovASIC, Inc

Part # EN80C188XL20
Download  EN80C188XL20 Click to download

File Size   1318.87 Kbytes
Page   75 Pages
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc
Description 16-Bit Microcontroller

EN80C188XL20 Datasheet (HTML) - InnovASIC, Inc


EN80C188XL20 Product details

General Description
The Innovasic Semiconductor IA186XL and IA188XL microcontrollers have a set of base peripherals beneficial to many embedded applications and include a standard numeric interface, an interrupt control unit, a chip-select unit/Ready Generation Logic, a DRAM refresh control unit, a Power-Save Control unit, DMA and three 16-bit timer/counters. The IA186XL and IA188XL microcontrollers operate at 5.0 volts ± 10%. The following functional description describes the base architecture of the 80C186XL. The 80C186XL is a very high integration 16-bit microprocessor. It combines some of the most common microprocessor system components onto one chip. The 80C186XL is object-code compatible with the 8086/8088 microprocessors and adds ten new instruction types to the 8086/8088 instruction set.

Features
The primary features of the IA186XL and IA188XL microcontrollers are as follows:
● Form, fit, and function compatible version of the low power Intel 80C186XL/80C188XL
● Operation modes:
   – Enhanced mode
      o DRAM refresh control unit
      o Power-save mode
      o Direct interface to 80C187 (IA186XL only)
   – Compatible mode
      o Pin-for-pin replacement for NMOS 80186/80188 non-numeric applications
● Integrated feature set
   – Static, modular CPU
   – Clock generator
   – Two independent DMA channels
   – Programmable interrupt controller
   – Three programmable 16-bit timers
   – Dynamic RAM refresh control unit
   – Programmable memory and peripheral chip select logic
   – Programmable wait state generator
   – Local bus controller
   – Power-save mode
   – System-level testing support (high impedance test mode)
● Completely object-code compatible with existing 8086/8088 software and has ten additional instructions over 8086/8088
● Crystal supports internal 20–25 MHz operation
● Direct addressing capability to 1 MByte memory and 64 Kbyte I/O
● Available in 68-Lead:
   – Plastic Leaded Chip Carrier (PLCC)
● Available in 80-Lead:
   – Plastic Quad Flat Pack (PQFP)
   – Low Profile Quad Flat Pack (LQFP)
● Extended Temperature Range (-40°C to +85°C)




Similar Part No. - EN80C188XL20

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
EN80C188EB13 INNOVASIC-EN80C188EB13 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
EN80C188EB20 INNOVASIC-EN80C188EB20 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
EN80C188EB25 INNOVASIC-EN80C188EB25 Datasheet
1Mb / 85P
8-Bit/16-Bit Microcontrollers
More results


Similar Description - EN80C188XL20

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DP512MPVE FREESCALE-MC9S12DP512MPVE Datasheet
419Kb / 14P
16-Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com