Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90337 Datasheet (PDF) - fujitsu semiconductor

MB90337 Datasheet PDF - fujitsu semiconductor
Part # MB90337
Download  MB90337 Download
File Size   292.4 Kbytes
Page   48 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Microcontroller

MB90337 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90337 Datasheet PDF - fujitsu semiconductor

Part # MB90337
Download  MB90337 Click to download

File Size   292.4 Kbytes
Page   48 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Microcontroller

MB90337 Datasheet (HTML) - fujitsu semiconductor


MB90337 Product details

The MB90330/335 series are a line up of high-performance 16-bit MCUs (F2MC-16LX family) with built-in USB macros, supporting USB-Function and simplified USB-Minihost. This allows a USB device to act either as a USB-Host or as a USB-Function. In this way, USB peripheral devices can exchange data without the mediation of a PC. Together with the newly available free USB drivers, Fujitsu aims to target various industrial applications, which are increasingly requiring USB resources.

USB Features
USB-Function
● USB 2.0 compliant
● 12Mbps Full-Speed
● Up to 6 Endpoints supported
● All transfer types supported:
   • Control, interrupt, bulk,
      isochronous
● Dual port RAM (FIFO mode
   supported)
● Automatic transfer mode for
   transfer data via DMA
● Automatic detection of connect
   and disconnect

USB-Minihost
This is a simplified USB Host optimised for embedded applications with one USB device. All common USB Host functionalities except hub, isochronous transfer and PRE-Packet are supported.

● USB 2.0 compliant
● 1.5Mbps Low-Speed, 12Mbps Full-Speed
● Up to 5 Endpoints
● Transfer types: control, interrupt, bulk
● Dual port RAM (FIFO mode)
● Automatic transfer mode for transfer data via DMA
● Maximum packet length 256 bytes
● Various error (CRC error/toggle/time-out) support
● Automatic transmission and
   detection of handshake packets
● Automatic detection of connect
   and disconnect




Similar Part No. - MB90337

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90337 FUJITSU-MB90337 Datasheet
284Kb / 48P
16-bit microcontrollers
logo
Fuji Electric
MB90337PFM FUJI-MB90337PFM Datasheet
459Kb / 84P
16-bit Proprietary Microcontroller
logo
fujitsu semiconductor
MB90337PMC FUJITSU-MB90337PMC Datasheet
284Kb / 48P
16-bit microcontrollers
More results


Similar Description - MB90337

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DP512MPVE FREESCALE-MC9S12DP512MPVE Datasheet
419Kb / 14P
16-Bit Microcontroller
logo
InnovASIC, Inc
IA186XL INNOVASIC-IA186XL Datasheet
1Mb / 75P
16-Bit Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com