Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90333A Datasheet (PDF) - Fujitsu Component Limited.

MB90333A Datasheet PDF - Fujitsu Component Limited.
Part # MB90333A
Download  MB90333A Download

File Size   439.37 Kbytes
Page   72 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 16-bit Microcontroller

MB90333A Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90333A Datasheet PDF - Fujitsu Component Limited.

Part # MB90333A
Download  MB90333A Click to download

File Size   439.37 Kbytes
Page   72 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 16-bit Microcontroller

MB90333A Datasheet (HTML) - Fujitsu Component Limited.


MB90333A Product details

■ DESCRIPTION
The MB90330A series are 16-bit microcontrollers designed for applications, such as personal computer peripheral devices, that require USB communications. The USB feature supports not only 12-Mbps Function operation but also Mini-HOST operation. It is equipped with functions that are suitable for personal computer peripheral devices such as displays and audio devices, and control of mobile devices that support USB communications. While inheriting the AT architecture of the F2MC family, the instruction set supports the C language and extended addressing modes and contains enhanced signed multiplication and division instructions as well as a substantial collection of improved bit manipulation instructions. In addition, long word processing is now available by intro ducing a 32-bit accumulator.

■ FEATURES
• Clock
   • Built-in oscillation circuit and PLL clock frequency
      multiplication circuit
   • Oscillation clock
   • The main clock is the oscillation clock divided into 2
      for oscillation 6 MHz : 3 MHz)
   • Clock for USB is 48 MHz
   • Machine clock frequency of 6 MHz, 12 MHz, or 24 MHz selectable
   • Minimum execution time of instruction : 41.6 ns
      (6 MHz oscillation clock, 4-time multiplied : machine clock
      24 MHz and at operating VCC = 3.3 V.
• The maximum memory space : 16 Mbytes
• 24-bit addressing
• Bank addressing
• Instruction system
   • Data types : Bit, Byte, Word and Long word
   • Addressing mode (23 types)
   • Enhanced high-precision computing with 32-bit accumulator
   • Enhanced Multiply/Divide instructions
      with sign and the RETI instruction
• Instruction system compatible with high-level language
   (C language) and multi-task
   • Employing system stack pointer
   • Instruction set symmetry and barrel shift instructions
• Program Patch Function (2 address pointer)
• 4-byte instruction queue
• Interrupt function
   • Priority levels are programmable
   • 32 interrupts function
• Data transfer function
   • Extended intelligent I/O service function (EI2OS) :
      Maximum of 16 channels
   • µDMAC : Maximum 16 channels
• Low Power Consumption Mode
   • Sleep mode (with the CPU operating clock stopped)
   • Time-base timer mode
      (with the oscillator clock and time-base timer operating)
   • Stop mode (with the oscillator clock stopped)
   • CPU intermittent operation mode
      (with the CPU operating at fixed intervals of set cycles)
   • Watch mode (with 32 kHz oscillator clock and watch timer operating)
• Package
   • LQFP-120P (FPT-120P-M05 : 0.40 mm pin pitch)
   • LQFP-120P (FPT-120P-M21 : 0.50 mm pin pitch)
• Process : CMOS technology
• Operation guaranteed temperature :
   − 40 °C to + 85 °C (0 °C to + 70 °C when USB is in use) (Continue ...)




Similar Part No. - MB90333A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
1Mb / 116P
   16-bit Proprietary Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
1Mb / 120P
   16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
429Kb / 72P
   16-bit microcontrollers
MB90333APFF FUJITSU-MB90333APFF Datasheet
1Mb / 116P
   16-bit Proprietary Microcontroller
MB90333APMC FUJITSU-MB90333APMC Datasheet
1Mb / 116P
   16-bit Proprietary Microcontroller
More results


Similar Description - MB90333A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com