Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR1129 Datasheet (PDF) - DFROBOT

DFR1129 Datasheet PDF - DFROBOT
Part # DFR1129
Download  DFR1129 Download
File Size   125.02 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Operating Voltage: 3.3~5V

DFR1129 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR1129 Datasheet PDF - DFROBOT

Part # DFR1129
Download  DFR1129 Click to download

File Size   125.02 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Operating Voltage: 3.3~5V

DFR1129 Datasheet (HTML) - DFROBOT


DFR1129 Product details

Features High Sensitivity and Precision: Utilizing the ITR9608 slotted photoelectric switch. Wide Photonic Gap: With a 5.0mm wide photonic gap design, it is suitable for detecting objects of various sizes. Simple and Easy to Use: Designed with a standard Gravity interface, it offers easy operation and strong compatibility, making connections hassle-free. Strong Compatibility: Arduino, micro: bit, and UNIHIKER
Applications Counter: Facilitates object counting on production lines. Speed Detection and Measurement: Provides pulse signals for calculating rotation speed and frequency. Smart Card Switch: Detects card insertion and removal for power control. Printer and Copier Paper Detection: Controls printing and transmission by detecting paper position.




Similar Part No. - DFR1129

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1103 DFROBOT-DFR1103 Datasheet
1Mb / 21P
Gravity:GNSS Position & Timing module Wiki - DFRobot
2024/5/15
DFR1108 DFROBOT-DFR1108 Datasheet
110Kb / 3P
Operating voltage: 3.3V-5.5V DC
DFR1114 DFROBOT-DFR1114 Datasheet
2Mb / 12P
DFR0114_Integrated_Drive_N20_Motor_1_150_133RPM-DFRobot
2024/5/15
DFR1117 DFROBOT-DFR1117 Datasheet
1Mb / 23P
Beetle ESP32-C6 Microcontroller Wiki - DFRobot
2024/5/15
DFR1132 DFROBOT-DFR1132 Datasheet
178Kb / 4P
Operating Voltage: 3.3~5V
More results


Similar Description - DFR1129

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62726N TOSHIBA-TB62726N Datasheet
535Kb / 16P
16 BIT CONSTANT CURRENT LED DRIVER WITH OPERATING VOLTAGE OF 3.3 V
logo
Golledge Electronics Lt...
GXOU108 GOLLEDGE-GXOU108 Datasheet
68Kb / 1P
3.3 V & 5V CMOS OSCILLATOR
logo
List of Unclassifed Man...
S1800 ETC1-S1800 Datasheet
114Kb / 2P
Crystal Clock Oscillator 3.3 & 5V, HCMOS, TTL, SMD
logo
ON Semiconductor
MC100LVEL40 ONSEMI-MC100LVEL40_06 Datasheet
114Kb / 6P
3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40DW ONSEMI-MC100LVEL40DW Datasheet
108Kb / 6P
3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
logo
SHANGHAI BELLING CO., L...
BL6810 BELLING-BL6810 Datasheet
1Mb / 50P
Operating Voltage - 5V
logo
IK Semicon Co., Ltd
IW4015B IKSEMICON-IW4015B Datasheet
218Kb / 6P
Operating Voltage Range
logo
ATMEL Corporation
U2794B ATMEL-U2794B_05 Datasheet
437Kb / 15P
Supply Voltage 5V
logo
Golledge Electronics Lt...
GTXO-S14T GOLLEDGE-GTXO-S14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 Sinewave TCXO
GTXO-C14T GOLLEDGE-GTXO-C14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 CMOS TCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com