Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR1132 Datasheet (PDF) - DFROBOT

DFR1132 Datasheet PDF - DFROBOT
Part # DFR1132
Download  DFR1132 Download
File Size   178.42 Kbytes
Page   4 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Operating Voltage: 3.3~5V

DFR1132 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR1132 Datasheet PDF - DFROBOT

Part # DFR1132
Download  DFR1132 Click to download

File Size   178.42 Kbytes
Page   4 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Operating Voltage: 3.3~5V

DFR1132 Datasheet (HTML) - DFROBOT


DFR1132 Product details

Features Bipolar Sensing: Capable of detecting N (north) and S (south) pole magnetic fields, expanding the range of applications. Low Noise Output: The integrated circuit features low noise output, ensuring minimal interference. Single Current Source Output: Stable output signals are maintained, less susceptible to voltage fluctuations, guaranteeing precise measurement results. On-board Indicator LED: When a magnetic field is detected, the on-board LED indicator lights up, allowing users to easily monitor the operational status at a glance. High Compatibility: Easily integrates with various main controllers such as Arduino, micro:bit, and UNIHIKER, providing versatility across different platforms.
Applications Current Detection Motor Control Magnetic Field Detection Metal Detector




Similar Part No. - DFR1132

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR1139 DFROBOT-DFR1139 Datasheet
300Kb / 6P
USB-C interface: 5V DC
More results


Similar Description - DFR1132

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62726N TOSHIBA-TB62726N Datasheet
535Kb / 16P
16 BIT CONSTANT CURRENT LED DRIVER WITH OPERATING VOLTAGE OF 3.3 V
logo
Golledge Electronics Lt...
GXOU108 GOLLEDGE-GXOU108 Datasheet
68Kb / 1P
3.3 V & 5V CMOS OSCILLATOR
logo
List of Unclassifed Man...
S1800 ETC1-S1800 Datasheet
114Kb / 2P
Crystal Clock Oscillator 3.3 & 5V, HCMOS, TTL, SMD
logo
ON Semiconductor
MC100LVEL40 ONSEMI-MC100LVEL40_06 Datasheet
114Kb / 6P
3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40DW ONSEMI-MC100LVEL40DW Datasheet
108Kb / 6P
3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
logo
SHANGHAI BELLING CO., L...
BL6810 BELLING-BL6810 Datasheet
1Mb / 50P
Operating Voltage - 5V
logo
IK Semicon Co., Ltd
IW4015B IKSEMICON-IW4015B Datasheet
218Kb / 6P
Operating Voltage Range
logo
ATMEL Corporation
U2794B ATMEL-U2794B_05 Datasheet
437Kb / 15P
Supply Voltage 5V
logo
Golledge Electronics Lt...
GTXO-S14T GOLLEDGE-GTXO-S14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 Sinewave TCXO
GTXO-C14T GOLLEDGE-GTXO-C14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 CMOS TCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com