Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS393 Datasheet (PDF) - Globaltech Semiconductor Co.,Ltd

GS393 Datasheet PDF - Globaltech Semiconductor Co.,Ltd
Part # GS393
Download  GS393 Download
File Size   710.65 Kbytes
Page   9 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description Low Power Low Offset Voltage Dual Comparators

GS393 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS393 Datasheet PDF - Globaltech Semiconductor Co.,Ltd

Part # GS393
Download  GS393 Click to download

File Size   710.65 Kbytes
Page   9 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description Low Power Low Offset Voltage Dual Comparators

GS393 Datasheet (HTML) - Globaltech Semiconductor Co.,Ltd


GS393 Product details

Product Description
The GS393 consists of two independent precision
voltage comparators which were designed
specifically to operate from a single power supply
over a wide range of voltages. Operation from split
power supplies is also possible and the low power
supply current drain is independent of the
magnitude of the power supply voltage. These
comparators also have a unique characteristic in
that the input common-mode voltage range
includes ground, even though operated from a
single power supply voltage.
The GS393 was designed to directly interface with
TTL and CMOS. When operated from both plus
and minus power supplies, the GS393 will directly
interface with MOS logic where their low power
drain is a distinct advantage over standard
comparators.
Features
◼ Wide supply Voltage range: 2.0V to 36V.
◼ Low supply current drain independent of
supply voltage.
◼ Low input biasing current: 25 nA typ.
◼ Low input offset current: 5 nA typ.
◼ Low input offset voltage: 2 mV typ.
◼ Input common-mode voltage range includes
GND.
◼ Differential input voltage range equal to the
power supply voltage
◼ Low output saturation voltage.
◼ Output voltage compatible with TTL, MOS
and CMOS logic.




Similar Part No. - GS393

ManufacturerPart #DatasheetDescription
logo
Globaltech Semiconducto...
GS391 GLOBALTECH-GS391 Datasheet
800Kb / 7P
Low Power Low Offset Voltage Single Comparator
Version_2.1
GS391LF GLOBALTECH-GS391LF Datasheet
800Kb / 7P
Low Power Low Offset Voltage Single Comparator
Version_2.1
GS391X5F GLOBALTECH-GS391X5F Datasheet
800Kb / 7P
Low Power Low Offset Voltage Single Comparator
Version_2.1
More results


Similar Description - GS393

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com