Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO393V Datasheet (PDF) - AiT Semiconductor Inc.

AO393V Datasheet PDF - AiT Semiconductor Inc.
Part # AO393V
Download  AO393V Download

File Size   778.09 Kbytes
Page   10 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS

AO393V Datasheet (PDF)

Go To PDF Page Download Datasheet
AO393V Datasheet PDF - AiT Semiconductor Inc.

Part # AO393V
Download  AO393V Click to download

File Size   778.09 Kbytes
Page   10 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS

AO393V Datasheet (HTML) - AiT Semiconductor Inc.

AO393V Datasheet HTML 1Page - AiT Semiconductor Inc. AO393V Datasheet HTML 2Page - AiT Semiconductor Inc. AO393V Datasheet HTML 3Page - AiT Semiconductor Inc. AO393V Datasheet HTML 4Page - AiT Semiconductor Inc. AO393V Datasheet HTML 5Page - AiT Semiconductor Inc. AO393V Datasheet HTML 6Page - AiT Semiconductor Inc. AO393V Datasheet HTML 7Page - AiT Semiconductor Inc. AO393V Datasheet HTML 8Page - AiT Semiconductor Inc. AO393V Datasheet HTML 9Page - AiT Semiconductor Inc. AO393V Datasheet HTML 10Page - AiT Semiconductor Inc.

AO393V Product details

DESCRIPTION
The AO393V consist of two independent precision voltage comparators with a typical offset voltage of 1.0mV and high gain. They are specifically designed to operate from a single power supply over wide range of voltages.
Operation from split power supply is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage.
The AO393V is available in SOP8 and DIP8 packages.

FEATURES
⚫ Wide Supply Voltage Range
⚫ Single Supply: 2.0V to 36V
⚫ Dual Supplies: 1.0V to 18V
⚫ Low Supply Current Drain: 0.6mA
⚫ Low Input Bias Current: 25nA (Typical)
⚫ Low Input Offset Current: 5.0nA (Typical)
⚫ Low Input Offset Voltage: 1.0mV (Typical)
⚫ Input Common Mode Voltage Range Includes
Gr
ound
⚫ Differential Input Voltage Range Equals to the
Power Sup
ply Voltage
⚫ Low Output Saturation Voltage: 200mV at 4mA
⚫ Open Collector Output
⚫ Available in SOP8 and DIP8 p ackage s

APPLICATION
⚫ Battery Charger
⚫ Cordless Telephone
⚫ Switching Power Supply
⚫ DC DC M odule
⚫ PC Motherboard
⚫ Communication Equipment




Similar Part No. - AO393V

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AO393 AITSEMI-AO393 Datasheet
800Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
AO393M8R AITSEMI-AO393M8R Datasheet
800Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
AO393M8VR AITSEMI-AO393M8VR Datasheet
800Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
AO393M8VU AITSEMI-AO393M8VU Datasheet
800Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
AO393P8U AITSEMI-AO393P8U Datasheet
800Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
More results


Similar Description - AO393V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com