Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS391 Datasheet (PDF) - Globaltech Semiconductor Co.,Ltd

GS391 Datasheet PDF - Globaltech Semiconductor Co.,Ltd
Part # GS391
Download  GS391 Download
File Size   800.38 Kbytes
Page   7 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description Low Power Low Offset Voltage Single Comparator

GS391 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS391 Datasheet PDF - Globaltech Semiconductor Co.,Ltd

Part # GS391
Download  GS391 Click to download

File Size   800.38 Kbytes
Page   7 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description Low Power Low Offset Voltage Single Comparator

GS391 Datasheet (HTML) - Globaltech Semiconductor Co.,Ltd


GS391 Product details

Product Description
The GS391 consists of a independent precision
voltage comparator which was designed
specifically to operate from a single power supply
over a wide range of voltages.
Operation from split power supplies is also
possible and the low power supply current drain is
independent of the magnitude of the power supply
voltage.
The comparator also has a unique characteristic in
that the input common-mode voltage range
includes ground, even though operated from a
single power supply voltage.
The GS391 was designed to directly interface with
TTL and CMOS. When operated from both plus
and minus power supplies, the GS391 will directly
interface with MOS logic where their low power
drain is a distinct advantage over standard
comparator.
Features
Wide supply Voltage range: 2.0V to 32V.
Low supply current drain independent of
supply voltage.
Low input biasing current: 25 nA typ.
Low input offset current: 5 nA typ.
Low input offset voltage: 2 mV typ.
Input common-mode voltage range includes
GND.
Differential input voltage range equal to the
power supply voltage
Low output saturation voltage.
Output voltage compatible with TTL, MOS
and CMOS logic.
RoHS Compliant and Halogen Free




Similar Part No. - GS391

ManufacturerPart #DatasheetDescription
logo
Globaltech Semiconducto...
GS393 GLOBALTECH-GS393 Datasheet
710Kb / 9P
Low Power Low Offset Voltage Dual Comparators
Version_2.2
GS393MSF GLOBALTECH-GS393MSF Datasheet
710Kb / 9P
Low Power Low Offset Voltage Dual Comparators
Version_2.2
GS393SF GLOBALTECH-GS393SF Datasheet
710Kb / 9P
Low Power Low Offset Voltage Dual Comparators
Version_2.2
GS393TSSF GLOBALTECH-GS393TSSF Datasheet
710Kb / 9P
Low Power Low Offset Voltage Dual Comparators
Version_2.2
More results


Similar Description - GS391

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
Integrated Circuit Low Power Low Offset Voltage Comparator
NTE943 NTE-NTE943 Datasheet
35Kb / 5P
Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator
logo
New Japan Radio
NJU7108 NJRC-NJU7108 Datasheet
60Kb / 3P
LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331 Datasheet
221Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331_09 Datasheet
774Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331_10 Datasheet
708Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
STMicroelectronics
TS391RILT STMICROELECTRONICS-TS391RILT Datasheet
284Kb / 12P
Low-power single voltage comparator
02-Mar-2012
logo
Texas Instruments
LM339-MIL TI1-LM339-MIL Datasheet
1Mb / 23P
Low-Power Low-Offset Voltage Quad Comparator
logo
New Japan Radio
NJM390A NJRC-NJM390A Datasheet
611Kb / 8P
Low power single voltage comparator
Ver.00
logo
Diodes Incorporated
AS331 DIODES-AS331 Datasheet
863Kb / 10P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
May 2021 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com