Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC157 Datasheet (PDF) - STMicroelectronics

HC157 Datasheet PDF - STMicroelectronics
Part # HC157
Download  HC157 Download
File Size   251.54 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER

HC157 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC157 Datasheet PDF - STMicroelectronics

Part # HC157
Download  HC157 Click to download

File Size   251.54 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER

HC157 Datasheet (HTML) - STMicroelectronics


HC157 Product details

DESCRIPTION
The M54/74HC157 and the M54/74HC158 are high speed CMOS QUAD 2-CHANNEL MULTIPLEXER’s fabricated with silicon gate C2MOS technology. They achieve the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation.

■ HIGH SPEED
    tPD = 10 ns (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 4 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY
    VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    |IOH| = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE
    WITH 54/74LS157/158




Similar Part No. - HC157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HC157 STMICROELECTRONICS-HC157 Datasheet
65Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
Jun-1999
More results


Similar Description - HC157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74AC158 STMICROELECTRONICS-74AC158 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER INV.
May-1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT158 STMICROELECTRONICS-74ACT158 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER INV.
May-1997
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
M74HCT157 STMICROELECTRONICS-M74HCT157 Datasheet
250Kb / 11P
HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
Apr-1993
74ACT158 STMICROELECTRONICS-74ACT158_01 Datasheet
227Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER (INV.)
Apr-2001
M74HCT158 STMICROELECTRONICS-M74HCT158 Datasheet
211Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER (INV.)
Sep-2001
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
30-Apr-2004
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com