Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC157 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HC157
Description  HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC157 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HC157 Datasheet HTML 2Page - STMicroelectronics HC157 Datasheet HTML 3Page - STMicroelectronics HC157 Datasheet HTML 4Page - STMicroelectronics HC157 Datasheet HTML 5Page - STMicroelectronics HC157 Datasheet HTML 6Page - STMicroelectronics HC157 Datasheet HTML 7Page - STMicroelectronics HC157 Datasheet HTML 8Page - STMicroelectronics HC157 Datasheet HTML 9Page - STMicroelectronics HC157 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH
tPHL
Propagation
Delay Time
(A, B - Y)
2.0
30
100
125
150
ns
4.5
12
20
25
30
6.0
10
17
21
26
tPLH
tPHL
Propagation
Delay Time
(SELECT - Y)
2.0
50
125
155
190
ns
4.5
16
25
31
38
6.0
14
21
26
32
tPLH
tPHL
Propagation
Delay Time
(STROBE - Y)
2.0
36
115
145
175
ns
4.5
12
23
29
35
6.0
10
20
25
30
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
47
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/4 (per channel)
SWITCHING CHARACTERISTICS TEST CIR-
CUIT
TEST CIRCUIT ICC (Opr.)
INPUT WAVEFORM IS THE SAME AS THAT IN CASE OF
SWITCHING CHARACTERISTICS TEST.
M54/M74HC157 M54/M74HC158
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com