Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC157 Datasheet (PDF) - STMicroelectronics

HC157 Datasheet PDF - STMicroelectronics
Part # HC157
Download  HC157 Download
File Size   65.63 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2 CHANNEL MULTIPLEXER

HC157 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC157 Datasheet PDF - STMicroelectronics

Part # HC157
Download  HC157 Click to download

File Size   65.63 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2 CHANNEL MULTIPLEXER

HC157 Datasheet (HTML) - STMicroelectronics


HC157 Product details

DESCRIPTION
The 74VHC157 is an advanced high-speed CMOS QUAD 2-CHANNEL MULTIPLEXER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
It consists of four 2-input digital multiplexer with common select and strobe inputs. It is a non-inverting multiplexer.

■ HIGH SPEED: tPD = 4.1 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 4 µA (MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.)
■ POWER DOWN PROTECTION ON INPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 157
■ IMPROVED LATCH-UP IMMUNITY
■ LOW NOISE: VOLP = 0.8V (MAX.)




Similar Part No. - HC157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HC157 STMICROELECTRONICS-HC157 Datasheet
251Kb / 11P
HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
Feb-1993
More results


Similar Description - HC157

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
Quad 2-Channel Multiplexer
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
Mar-2000
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER
Apr-2001
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com