Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74VHC157 Datasheet (PDF) - Motorola, Inc

MC74VHC157 Datasheet PDF - Motorola, Inc
Part No. MC74VHC157
Download  MC74VHC157 Click to view

File Size   149.73 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Quad 2-Channel Multiplexer

MC74VHC157 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC157 Datasheet PDF - Motorola, Inc

Part No. MC74VHC157
Download  MC74VHC157 Click to view

File Size   149.73 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Quad 2-Channel Multiplexer

MC74VHC157 Datasheet (HTML) - Motorola, Inc

MC74VHC157 Datasheet HTML 1Page - Motorola, Inc MC74VHC157 Datasheet HTML 2Page - Motorola, Inc MC74VHC157 Datasheet HTML 3Page - Motorola, Inc MC74VHC157 Datasheet HTML 4Page - Motorola, Inc MC74VHC157 Datasheet HTML 5Page - Motorola, Inc MC74VHC157 Datasheet HTML 6Page - Motorola, Inc

MC74VHC157 Product details

The MC74VHC157 is an advanced high speed CMOS quad 2–channel multiplexer fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
   
• High Speed: tPD = 4.1ns (Typ) at VCC = 5V
• Low Power Dissipation: ICC = 4µA (Max) at TA = 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2V to 5.5V Operating Range
• Low Noise: VOLP = 0.8V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V
• Chip Complexity: 82 FETs or 20 Equivalent Gates
   



Similar Part No. - MC74VHC157

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
127Kb / 7P
   Quad 2-Channel Multiplexer
May, 2011 ??Rev. 6
MC74VHC157D ONSEMI-MC74VHC157D Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
MC74VHC157DR2 ONSEMI-MC74VHC157DR2 Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
MC74VHC157DR2G ONSEMI-MC74VHC157DR2G Datasheet
127Kb / 7P
   Quad 2-Channel Multiplexer
May, 2011 ??Rev. 6
More results

Similar Description - MC74VHC157

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
June 1999
Toshiba Semiconductor
Toshiba Semiconductor
TC74HCT157AP TOSHIBA-TC74HCT157AP_07 Datasheet
263Kb / 8P
   Quad 2-Channel Multiplexer
TC74ACT157F TOSHIBA-TC74ACT157F_12 Datasheet
246Kb / 9P
   Quad 2-Channel Multiplexer
TC74LVX157F TOSHIBA-TC74LVX157F_12 Datasheet
200Kb / 9P
   Quad 2-Channel Multiplexer
STMicroelectronics
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
ON Semiconductor
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
STMicroelectronics
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz