Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG08482 Datasheet (PDF) - Pro-Signal

PSG08482 Datasheet PDF - Pro-Signal
Part # PSG08482
Download  PSG08482 Download
File Size   170.94 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Digital Indoor/ Outdoor Thermometer

PSG08482 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG08482 Datasheet PDF - Pro-Signal

Part # PSG08482
Download  PSG08482 Click to download

File Size   170.94 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Digital Indoor/ Outdoor Thermometer

PSG08482 Datasheet (HTML) - Pro-Signal


PSG08482 Product details

Description
The internal and external temperature of environmental room is written down to press RESET key and remove at present ,quantity is examined and will go on automatically again. Press°C/°F key to change the display °C or °F.
Features
•
Digital thermometer for use indoors or outdoors
•
1.8m Lead with probe
•
12mm High LCD display
•
Selectable °C or °F temperature display
•
Maximum & minimum temperature memory
•
Wall or desk mountable
•
Ideal for use in refrigerators and freezers
•
Indoor range: -20°C to +50°C (-4°F to +122°F)
•
Outdoor range: -50°C to +70°C (-58°F to +158°F)
•
Resolution: 0.1°C/°F
•
Requires 2× AAA batteries (not included)
•
Weight: 76g

Description
Digital Indoor/ Outdoor Thermometer




Similar Part No. - PSG08482

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG08483 PROSIGNAL-PSG08483 Datasheet
150Kb / 1P
Digital Thermo Hygrometer
V1.0 08/08/19
logo
Pro-Power
PSG08483 PROPOWER-PSG08483 Datasheet
134Kb / 1P
Silicon Glass Sleeving
07/06/12 V1.1
logo
Pro-Signal
PSG08484 PROSIGNAL-PSG08484 Datasheet
155Kb / 1P
Digital Thermo Hygrometer
V1.0 08/08/19
PSG08485 PROSIGNAL-PSG08485 Datasheet
240Kb / 1P
Digital Thermo Hygrometer
V1.0 01/12/23
More results


Similar Description - PSG08482

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
40102F EXTECH-40102F Datasheet
141Kb / 1P
Recording Indoor/Outdoor Thermometer Clock
401014 EXTECH-401014 Datasheet
110Kb / 1P
Big Digit Indoor/Outdoor Thermometer
445713 EXTECH-445713 Datasheet
175Kb / 1P
Big Digit Indoor/Outdoor Hygro-Thermometer
logo
OSRAM GmbH
LSGT67K-JL-1-HK-1 OSRAM-LSGT67K-JL-1-HK-1 Datasheet
550Kb / 18P
indoor and outdoor displays
LTRBGFSF-ABCB-QKYO OSRAM-LTRBGFSF-ABCB-QKYO Datasheet
1Mb / 28P
indoor and outdoor displays
logo
Laird Tech Smart Techno...
YE490012 LSTD-YE490012 Datasheet
924Kb / 2P
Indoor/outdoor mounting options
logo
OSRAM GmbH
LYGT67K OSRAM-LYGT67K Datasheet
548Kb / 18P
indoor and outdoor displays
logo
Maxim Integrated Produc...
DS1621 MAXIM-DS1621_V01 Datasheet
525Kb / 16P
Digital Thermometer and
2015
logo
MOSDESIGN SEMICONDUCTOR...
M82371 MOSDESIGN-M82371 Datasheet
133Kb / 4P
Indoor and outdoor thermometer and clock control IC
2012-04-09
logo
Belden Inc.
FDSL006P0 BELDEN-FDSL006P0 Datasheet
138Kb / 2P
Indoor/Outdoor Indoor/Outdoor Plenum Loose Tube OS2 6F
11-09-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com