Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG08484 Datasheet (PDF) - Pro-Signal

PSG08484 Datasheet PDF - Pro-Signal
Part # PSG08484
Download  PSG08484 Download
File Size   155.51 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Digital Thermo Hygrometer

PSG08484 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG08484 Datasheet PDF - Pro-Signal

Part # PSG08484
Download  PSG08484 Click to download

File Size   155.51 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Digital Thermo Hygrometer

PSG08484 Datasheet (HTML) - Pro-Signal


PSG08484 Product details

Features
Digital thermometer, hygrometer and clock
Features an alarm function
Large LCD display
Selectable Centigrade or Fahrenheit temperature display
Maximum and minimum temperature memory
Can sit on a table or be mounted on a wall
12 / 24 Hour clock
Temperature range: 0°C to +50°C (+32°F to +122°F)
Humidity: 10%-99%
Resolution: 0.1°C/°F/ 1% (hygrometer)
Dimensions (W×H×D): 88mm × 150mm × 25mm
Weight: 195g
Requires 1x AAA battery (not supplied)




Similar Part No. - PSG08484

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG08482 PROSIGNAL-PSG08482 Datasheet
170Kb / 1P
Digital Indoor/ Outdoor Thermometer
V1.0 07/04/22
PSG08483 PROSIGNAL-PSG08483 Datasheet
150Kb / 1P
Digital Thermo Hygrometer
V1.0 08/08/19
logo
Pro-Power
PSG08483 PROPOWER-PSG08483 Datasheet
134Kb / 1P
Silicon Glass Sleeving
07/06/12 V1.1
logo
Pro-Signal
PSG08485 PROSIGNAL-PSG08485 Datasheet
240Kb / 1P
Digital Thermo Hygrometer
V1.0 01/12/23
More results


Similar Description - PSG08484

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI1064 ETC2-MI1064 Datasheet
46Kb / 2P
Thermo-electric Coolers
logo
Extech Instruments Corp...
451104 EXTECH-451104 Datasheet
130Kb / 7P
Digital Vane Thermo-Anemometer
logo
fujitsu semiconductor
FTP-040P001 FUJITSU-FTP-040P001 Datasheet
207Kb / 3P
THERMO-SENSITIVE PAPER
logo
List of Unclassifed Man...
TH-2A ETC2-TH-2A Datasheet
529Kb / 1P
Digital Thermo Hygrometer
logo
Extech Instruments Corp...
SDL310 EXTECH-SDL310 Datasheet
216Kb / 1P
Vane Thermo-Anemometer/Datalogger
45158 EXTECH-45158 Datasheet
216Kb / 1P
Mini Thermo-Anemometer Series
logo
List of Unclassifed Man...
625 ETC2-625 Datasheet
87Kb / 1P
COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
logo
Testo SE & Co. KGaA
TESTO608 TESTO-TESTO608 Datasheet
192Kb / 2P
Thermal hygrometer
logo
General Electric Compan...
PM880 GEC-PM880 Datasheet
248Kb / 4P
PM880 Panametrics Portable Hygrometer
2013
logo
Baker Hughes Company
PM880 BAKER-PM880 Datasheet
1Mb / 3P
Panametrics portable hygrometer
12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com