Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG08483 Datasheet (PDF) - Pro-Signal

PSG08483 Datasheet PDF - Pro-Signal
Part # PSG08483
Download  PSG08483 Download
File Size   150.5 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Digital Thermo Hygrometer

PSG08483 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSG08483 Datasheet PDF - Pro-Signal

Part # PSG08483
Download  PSG08483 Click to download

File Size   150.5 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Digital Thermo Hygrometer

PSG08483 Datasheet (HTML) - Pro-Signal


PSG08483 Product details

Features
•
Digital thermometer for use indoors or outdoors
•
Hygrometer and Clock
•
1.5m Lead with probe
•
Large LCD display
•
Selectable Centigrade or Fahrenheit temperature display
•
Humidity: 10% - 99%
•
Resolution: 0.1°C/°F/ 1% (hygrometer)
•
Maximum and minimum temperature memory
•
Can sit on a table or be mounted on a wall
•
12 / 24 Hour clock
•
Indoor range: 0°C to +50°C (+32°F to +122°F)
•
Outdoor range: -40°C to +70°C (-40°F to +158°F)
•
Dimensions (W×H×D): 88mm × 150mm × 25mm
•
Weight: 205g
•
Requires 1x AAA battery (not supplied)




Similar Part No. - PSG08483

ManufacturerPart #DatasheetDescription
logo
Pro-Power
PSG08483 PROPOWER-PSG08483 Datasheet
134Kb / 1P
Silicon Glass Sleeving
07/06/12 V1.1
More results


Similar Description - PSG08483

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI1064 ETC2-MI1064 Datasheet
46Kb / 2P
Thermo-electric Coolers
logo
Extech Instruments Corp...
451104 EXTECH-451104 Datasheet
130Kb / 7P
Digital Vane Thermo-Anemometer
logo
fujitsu semiconductor
FTP-040P001 FUJITSU-FTP-040P001 Datasheet
207Kb / 3P
THERMO-SENSITIVE PAPER
logo
List of Unclassifed Man...
TH-2A ETC2-TH-2A Datasheet
529Kb / 1P
Digital Thermo Hygrometer
logo
Extech Instruments Corp...
SDL310 EXTECH-SDL310 Datasheet
216Kb / 1P
Vane Thermo-Anemometer/Datalogger
45158 EXTECH-45158 Datasheet
216Kb / 1P
Mini Thermo-Anemometer Series
logo
List of Unclassifed Man...
625 ETC2-625 Datasheet
87Kb / 1P
COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
logo
Testo SE & Co. KGaA
TESTO608 TESTO-TESTO608 Datasheet
192Kb / 2P
Thermal hygrometer
logo
General Electric Compan...
PM880 GEC-PM880 Datasheet
248Kb / 4P
PM880 Panametrics Portable Hygrometer
2013
logo
Baker Hughes Company
PM880 BAKER-PM880 Datasheet
1Mb / 3P
Panametrics portable hygrometer
12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com