Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP23S17 Datasheet (PDF) - Microchip Technology

MCP23S17 Datasheet PDF - Microchip Technology
Part # MCP23S17
Download  MCP23S17 Download
File Size   947.65 Kbytes
Page   48 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Bit I/O Expander with Serial Interface

MCP23S17 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP23S17 Datasheet PDF - Microchip Technology

Part # MCP23S17
Download  MCP23S17 Click to download

File Size   947.65 Kbytes
Page   48 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Bit I/O Expander with Serial Interface

MCP23S17 Datasheet (HTML) - Microchip Technology


MCP23S17 Product details

DEVICE OVERVIEW

The MCP23017/MCP23S17 (MCP23X17) device family provides 16-bit, general purpose parallel I/O expansion for I2C bus or SPI applications. The two devices differ only in the serial interface:

• MCP23017 – I2C interface

• MCP23S17 – SPI interface



The MCP23X17 consists of multiple 8-bit configuration registers for input, output and polarity selection. The system master can enable the I/Os as either inputs or outputs by writing the I/O configuration bits (IODIRA/B).

The data for each input or output is kept in the corresponding input or output register. The polarity of the Input Port register can be inverted with the Polarity Inversion register. All registers can be read by the system master.



Features

• 16-Bit Remote Bidirectional I/O Port:

   - I/O pins default to input

• High-Speed I2C Interface (MCP23017):

   - 100 kHz

   - 400 kHz

   - 1.7 MHz

• High-Speed SPI Interface (MCP23S17):

   - 10 MHz (maximum)

• Three Hardware Address Pins to Allow Up to Eight Devices On the Bus

• Configurable Interrupt Output Pins:

   - Configurable as active-high, active-low or open-drain

• INTA and INTB Can Be Configured to Operate Independently or Together

• Configurable Interrupt Source:

   - Interrupt-on-change from configured register defaults or pin changes

• Polarity Inversion Register to Configure the Polarity of the Input Port Data

• External Reset Input

• Low Standby Current: 1 µA (max.)

• Operating Voltage:

   - 1.8V to 5.5V @ -40°C to +85°C

   - 2.7V to 5.5V @ -40°C to +85°C

   - 4.5V to 5.5V @ -40°C to +125°C



 




Similar Part No. - MCP23S17

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP23S17 MICROCHIP-MCP23S17 Datasheet
879Kb / 42P
16-Bit I/O Expander with Serial Interface
06/23/16
MCP23S17-E/ML MICROCHIP-MCP23S17-E/ML Datasheet
879Kb / 42P
16-Bit I/O Expander with Serial Interface
06/23/16
MCP23S17-E/SO MICROCHIP-MCP23S17-E/SO Datasheet
879Kb / 42P
16-Bit I/O Expander with Serial Interface
06/23/16
MCP23S17-E/SP MICROCHIP-MCP23S17-E/SP Datasheet
879Kb / 42P
16-Bit I/O Expander with Serial Interface
06/23/16
MCP23S17-E/SS MICROCHIP-MCP23S17-E/SS Datasheet
879Kb / 42P
16-Bit I/O Expander with Serial Interface
06/23/16
More results


Similar Description - MCP23S17

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
16-BIT I/O EXPANDER
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
16-Bit I/O Expander IC
logo
Microchip Technology
MCP23008 MICROCHIP-MCP23008 Datasheet
498Kb / 40P
8-Bit I/O Expander with Serial Interface
2005
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
16-Bit I2C??I/O Expander
2007
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
8-Bit I/O Expander with Serial Interface
2007
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
16-Bit I2C I/O Expander
12/08/06
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
16-Bit I/O Expander with Serial Interface
06/23/16
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com