Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC166 Datasheet (PDF) - NXP Semiconductors

74HC166 Datasheet PDF - NXP Semiconductors
Part # 74HC166
Download  74HC166 Download
File Size   93.18 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit parallel-in/serial-out shift register

74HC166 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC166 Datasheet PDF - NXP Semiconductors

Part # 74HC166
Download  74HC166 Click to download

File Size   93.18 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit parallel-in/serial-out shift register

74HC166 Datasheet (HTML) - NXP Semiconductors


74HC166 Product details

GENERAL DESCRIPTION
The 74HC/HCT166 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A.
The 74HC/HCT166 are 8-bit shift registers which have a fully synchronous serial or parallel data entry selected by an active LOW parallel enable (PE) input. When PE is LOW one set-up time prior to the LOW-to-HIGH clock transition, parallel data is entered into the register. When PE is HIGH, data is entered into the internal bit position Q0 from serial data input (Ds), and the remaining bits are shifted one place to the right (Q0 → Q1 → Q2, etc.) with each positive-going clock transition.
This feature allows parallel-to-serial converter expansion by tying the Q7 output to the Ds input of the succeeding stage.

FEATURES
• Synchronous parallel-to-serial applications
• Synchronous serial data input for easy expansion
• Clock enable for “do nothing” mode
• Asynchronous master reset
• For asynchronous parallel data load see “165”
• Output capability: standard
• ICC category: MSI




Similar Part No. - 74HC166

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC166 NEXPERIA-74HC166 Datasheet
278Kb / 17P
8-bit parallel-in/serial out shift register
Rev. 5 - 9 August 2021
74HC166-Q100 NEXPERIA-74HC166-Q100 Datasheet
1Mb / 19P
8-bit parallel-in/serial out shift register
74HC166-Q100 NEXPERIA-74HC166-Q100 Datasheet
277Kb / 17P
8-bit parallel-in/serial out shift register
Rev. 2 - 9 August 2021
logo
Toshiba Semiconductor
74HC166D TOSHIBA-74HC166D Datasheet
302Kb / 13P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
Nexperia B.V. All right...
74HC166D NEXPERIA-74HC166D Datasheet
278Kb / 17P
8-bit parallel-in/serial out shift register
Rev. 5 - 9 August 2021
More results


Similar Description - 74HC166

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com