Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4016 Datasheet (PDF) - ON Semiconductor

CD4016 Datasheet PDF - ON Semiconductor
Part # CD4016
Download  CD4016 Download
File Size   244.92 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad Analog Switch/Quad Multiplexer

CD4016 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4016 Datasheet PDF - ON Semiconductor

Part # CD4016
Download  CD4016 Click to download

File Size   244.92 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad Analog Switch/Quad Multiplexer

CD4016 Datasheet (HTML) - ON Semiconductor


CD4016 Product details

The MC14016B quad bilateral switch is constructed with MOS P–channel and N–channel enhancement mode devices in a single monolithic structure. Each MC14016B consists of four independent switches capable of controlling either digital or analog signals. The quad bilateral switch is used in signal gating, chopper, modulator, demodulator and CMOS logic implementation.

• Diode Protection on All Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Linearized Transfer Characteristics
• Low Noise — 12 nV/√Cycle, f ≥ 1.0 kHz typical
• Pin–for–Pin Replacements for CD4016B, CD4066B (Note improved transfer characteristic design causes more parasitic coupling capacitance than CD4016)
• For Lower RON, Use The HC4016 High–Speed CMOS Device or The MC14066B
• This Device Has Inputs and Outputs Which Do Not Have ESD Protection. Antistatic Precautions Must Be Taken.




Similar Part No. - CD4016

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4016 FAIRCHILD-CD4016 Datasheet
93Kb / 9P
Quad Bilateral Switch
logo
List of Unclassifed Man...
CD4016 ETC2-CD4016 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Intersil Corporation
CD40160 INTERSIL-CD40160 Datasheet
156Kb / 13P
CMOS Synchronous Programmable 4-Bit Counters
December 1992
logo
Texas Instruments
CD401601B TI1-CD401601B Datasheet
958Kb / 17P
CMOS Synchronous Programmable 4-Bit Counters
logo
National Semiconductor ...
CD40160B NSC-CD40160B Datasheet
150Kb / 8P
Decade Counter with Asynchronous Clear
More results


Similar Description - CD4016

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com