Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4016 Datasheet (PDF) - Fairchild Semiconductor

CD4016 Datasheet PDF - Fairchild Semiconductor
Part # CD4016
Download  CD4016 Download

File Size   93.97 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Bilateral Switch

CD4016 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4016 Datasheet PDF - Fairchild Semiconductor

Part # CD4016
Download  CD4016 Click to download

File Size   93.97 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Bilateral Switch

CD4016 Datasheet (HTML) - Fairchild Semiconductor

CD4016 Datasheet HTML 1Page - Fairchild Semiconductor CD4016 Datasheet HTML 2Page - Fairchild Semiconductor CD4016 Datasheet HTML 3Page - Fairchild Semiconductor CD4016 Datasheet HTML 4Page - Fairchild Semiconductor CD4016 Datasheet HTML 5Page - Fairchild Semiconductor CD4016 Datasheet HTML 6Page - Fairchild Semiconductor CD4016 Datasheet HTML 7Page - Fairchild Semiconductor CD4016 Datasheet HTML 8Page - Fairchild Semiconductor CD4016 Datasheet HTML 9Page - Fairchild Semiconductor

CD4016 Product details

General Description
The CD4016BC is a quad bilateral switch intended for the transmission or multiplexing of analog or digital signals. It is pin-for-pin compatible with CD4066BC.

Features
■ Wide supply voltage range: 3V to 15V
■ Wide range of digital and analog switching: ±7.5 VPEAK
■ “ON” resistance for 15V operation: 400Ω (typ.)
■ Matched “ON” resistance over 15V signal input:
    ∆RON = 10Ω (typ.)
■ High degree of linearity:
    0.4% distortion (typ.)
    @ fIS = 1 kHz, VIS = 5 Vp-p,
    VDD−VSS = 10V, RL = 10 kΩ
■ Extremely low “OFF” switch leakage:
    0.1 nA (typ.)
    @ VDD − VSS = 10V
    TA = 25°C
■ Extremely high control input impedance: 1012Ω (typ.)
■ Low crosstalk between switches:
    −50 dB (typ.)
    @ fIS = 0.9 MHz, RL = 1 kΩ
■ Frequency response, switch “ON”: 40 MHz (typ.)

Applications
• Analog signal switching/multiplexing
    Signal gating
    Squelch control
    Chopper
    Modulator/Demodulator
    Commutating switch
• Digital signal switching/multiplexing
• CMOS logic implementation
• Analog-to-digital/digital-to-analog conversion
• Digital control of frequency, impedance, phase, and analog-signal gain




Similar Part No. - CD4016

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CD4016 ONSEMI-CD4016 Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
logo
List of Unclassifed Man...
CD4016 ETC2-CD4016 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CD40160 INTERSIL-CD40160 Datasheet
156Kb / 13P
   CMOS Synchronous Programmable 4-Bit Counters
December 1992
logo
Texas Instruments
CD401601B TI1-CD401601B Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
logo
National Semiconductor ...
CD40160B NSC-CD40160B Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
More results


Similar Description - CD4016

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com