Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7980BCPZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7980BCPZ-R2
Description  16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980BCPZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7980BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 24Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 25Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 26Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 27Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
AD7980
Rev. F | Page 23 of 26
CHAIN MODE WITH BUSY INDICATOR
This mode can also be used to daisy-chain multiple AD7980
devices on a 3-wire serial interface while providing a busy
indicator. This feature is useful for reducing component count
and wiring connections, for example, in isolated multiconverter
applications or for systems with a limited interfacing capacity.
Data readback is analogous to clocking a shift register.
A connection diagram example using three AD7980 devices is
shown in Figure 41, and the corresponding timing is given in
Figure 42.
When SDI and CNV are low, SDO is driven low. With SCK
high, a rising edge on CNV initiates a conversion, selects the
chain mode, and enables the busy indicator feature. In this
mode, CNV is held high during the conversion phase and the
subsequent data readback. When all ADCs in the chain have
completed their conversions, the SDO pin of the ADC closest to
the digital host (see the AD7980 ADC labeled C in Figure 41) is
driven high. This transition on SDO can be used as a busy
indicator to trigger the data readback controlled by the digital
host. The AD7980 then enters the acquisition phase and powers
down. The data bits stored in the internal shift register are
clocked out, MSB first, by subsequent SCK falling edges. For
each ADC, SDI feeds the input of the internal shift register and
is clocked by the SCK falling edge. Each ADC in the chain
outputs its data MSB first, and 16 × N + 1 clocks are required to
readback the N ADCs. Although the rising edge can be used to
capture the data, a digital host using the SCK falling edge allows a
faster reading rate and, consequently, more AD7980 devices in
the chain, provided the digital host has an acceptable hold time.
Figure 41. Chain Mode with Busy Indicator Connection Diagram
Figure 42. Chain Mode with Busy Indicator Serial Interface Timing
AD7980
C
SDO
SDI
DATA IN
IRQ
DIGITAL HOST
CONVERT
CLK
CNV
SCK
AD7980
B
SDO
SDI
CNV
SCK
AD7980
A
SDO
SDI
CNV
SCK
tCONV
tCYC
tSSDISCK
tSCKH
tSCK
tHSDISC
tACQ
tDSDOSDI
tDSDOSDI
tDSDODSI
AQUISITION
tSSCKCNV
AQUISITION
tSCKL
CONVERSION
tHSCKCNV
SCK
CNV = SDIA
SDOA = SDIB
SDOB = SDIC
SDOC
tEN
DA15 DA14 DA13
DB15
DB14
DB13
DC15
DC14
DC13
DB1
DB0
DA15
DA14
DA1
DA0
DC1
DC0
DB15
DB14
DA0
DA1
DB0
DB1
DA14
DA15
DA1
DA0
tHSDO
1
2
3
15
16
17
4
18
19
31
32
33
34
35
47
48
49
tDSDO
tDSDOSDI
tDSDOSDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com