Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7980BCPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7980BCPZ-R2
Description  16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980BCPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7980BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD7980BCPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7980
Data Sheet
Rev. F | Page 18 of 26
3-WIRE CS MODE WITHOUT BUSY INDICATOR
This mode is usually used when a single AD7980 is connected
to an SPI-compatible digital host. The connection diagram is
shown in Figure 31, and the corresponding timing is given in
Figure 32.
With SDI tied to VIO, a rising edge on CNV initiates a
conversion, selects the CS mode, and forces SDO to high
impedance. Once a conversion is initiated, it continues until
completion irrespective of the state of CNV. This can be useful,
for instance, to bring CNV low to select other SPI devices, such
as analog multiplexers; however, CNV must be returned high
before the minimum conversion time elapses and then held
high for the maximum conversion time to avoid the generation
of the busy signal indicator. When the conversion is complete,
the AD7980 enters the acquisition phase and powers down.
When CNV goes low, the MSB is output onto SDO. The
remaining data bits are then clocked by subsequent SCK falling
edges. The data is valid on both SCK edges. Although the rising
edge can be used to capture the data, a digital host using the
SCK falling edge allows a faster reading rate provided that it has
an acceptable hold time. After the 16th SCK falling edge or
when CNV goes high, whichever is earlier, SDO returns to high
impedance.
Figure 31. 3-Wire CS Mode Without Busy Indicator
Connection Diagram (SDI High)
Figure 32. 3-Wire CS Mode Without Busy Indicator Serial Interface Timing (SDI High)
AD7980 SDO
SDI
DATA IN
DIGITAL HOST
CONVERT
CLK
VIO
CNV
SCK
SDI = 1
tCNVH
tCONV
tCYC
CNV
AQUISITION
AQUISITION
tACQ
tSCK
tSCKL
CONVERSION
SCK
SDO
D15
D14
D13
D1
D0
tEN
tHSDO
12
3
14
15
16
tDSDO
tDIS
tSCKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com