Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-350 Datasheet(PDF) 1 Page - CUI INC

Part # VOF-350
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-350 Datasheet(HTML) 1 Page - CUI INC

  VOF-350 Datasheet HTML 1Page - CUI INC VOF-350 Datasheet HTML 2Page - CUI INC VOF-350 Datasheet HTML 3Page - CUI INC VOF-350 Datasheet HTML 4Page - CUI INC VOF-350 Datasheet HTML 5Page - CUI INC VOF-350 Datasheet HTML 6Page - CUI INC VOF-350 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 09/01/2017
page 1 of 7
SERIES: VOF-350
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power1,2
ripple
and noise3,4
efficiency
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VOF-350-12
12
25.005
300
120
92
VOF-350-15
15
21.675
325
150
92
VOF-350-24
24
14.58
350
240
93
VOF-350-30
30
11.67
350
300
93
VOF-350-48
48
7.30
350
480
94
VOF-350-58
58
6.04
350
580
94
Notes:
1. Maximum output power with 13 CFM forced air cooling. See derating curves for full performance details.
2. Combined output power of main output and fan supply shall not exceed the max power rating.
3. Ripple is peak to peak with 20 MHz bandwidth and 10 µF tantalum capacitor in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. Output ripple can be more than 10% of the output voltage at -40°C.
5. With header type output connector, VOF-350-12 max current is 18.75 A (225 W) and VOF-350-15 max current is 18 A (270 W) with 13 CFM forced air cooling.
6. All specifications are measured at Ta=25°C, nominal input voltage, and rated output load unless otherwise specified.
FEATURES
• up to 350 W continuous power
• -40°C to 70°C operating temperature
• industry standard foot print 3” x 5”
• low profile 1”
• power factor correction
• 12 V/0.5 A fan output
• standby power <0.5 W
• efficiency up to 94%
• long life electrolytic capacitors
PART NUMBER KEY
Base Number
VOF-350 - XX - X
Output Voltage
Output Connections:
“blank” = screw type
1 = header type
For more information, please visit the product page
|
If your application requires forced air, view our Dc Fans


Similar Part No. - VOF-350

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-350 CUI-VOF-350 Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
04/21/2021
VOF-350-12 CUI-VOF-350-12 Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
04/21/2021
VOF-350-15 CUI-VOF-350-15 Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
04/21/2021
VOF-350-24 CUI-VOF-350-24 Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
04/21/2021
VOF-350-30 CUI-VOF-350-30 Datasheet
1Mb / 7P
AC-DC POWER SUPPLY
04/21/2021
More results

Similar Description - VOF-350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com