Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-350 Datasheet(PDF) 3 Page - CUI INC

Part # VOF-350
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-350 Datasheet(HTML) 3 Page - CUI INC

  VOF-350 Datasheet HTML 1Page - CUI INC VOF-350 Datasheet HTML 2Page - CUI INC VOF-350 Datasheet HTML 3Page - CUI INC VOF-350 Datasheet HTML 4Page - CUI INC VOF-350 Datasheet HTML 5Page - CUI INC VOF-350 Datasheet HTML 6Page - CUI INC VOF-350 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
date 09/01/2017
│ page 3 of 7
CUI Inc
│ SERIES: VOF-350 │ DESCRIPTION: AC-DC POWER SUPPLY
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
ESD immunity
EN 61000-4-2, level 3, criterion A
radiated field immunity
EN 61000-4-3, level 3, criterion A
electrical fast transient
immunity
EN 61000-4-4, level 3, criterion A
surge immunity
EN 61000-4-5, level 3, criterion A
conducted immunity
EN 61000-4-6, level 3, criterion A
magnetic field immunity
EN 61000-4-8, level 3, criterion A
voltage dips, interruptions
EN 61000-4-11, criterion A & B
MTBF
as per Telcordia-SR332-issue 3
3,370,000
hours
RoHS
2011/65/EU
Notes:
1. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
70
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
20
90
%
storage humidity
non-condensing
20
90
%
operating altitude
16,000
ft
DERATING CURVES
Output Power vs. Input Voltage
Input Voltage (Vac)
90
0
10
20
30
40
50
60
70
80
90
100
95 100 105 110 115 120 125 255 260 264
Ambient Temperature (°C)
-40 -30 -20 -10
0
10 20 30 40
50 60 70
0
Screw Type Forced Air (13 CFM)
Natural Convection
25
50
75
100
125
150
175
200
225
250
275
300
Header Type Forced Air (13 CFM)
12 Vdc Output Model
Output Power vs. Ambient Temperature
For more information, please visit the product page
|
If your application requires forced air, view our Dc Fans



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com