Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6041508 Datasheet(PDF) 3 Page - SICK AG

Part # 6041508
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6041508 Datasheet(HTML) 3 Page - SICK AG

  6041508 Datasheet HTML 1Page - SICK AG 6041508 Datasheet HTML 2Page - SICK AG 6041508 Datasheet HTML 3Page - SICK AG 6041508 Datasheet HTML 4Page - SICK AG 6041508 Datasheet HTML 5Page - SICK AG 6041508 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WLL180T-M432S01 | WLL180T
FIBER-OPTIC SENSORS AND FIBERS
Display
LED status display / 2x 4-character digital dual displays, Set value (green indicator) and actual
value (red indicator) are displayed simultaneously, display of parameters
Special features
Switching frequency with object: 90.9 Hz
1) Up to 15 expansion units can be connected.
2) Sensing range with 8 ms response time. Reduction with shorter response time (see tables LL3/WLL180T).
3) LL3-TX01.
4) Objects to be sensed with 90% reflectivity (based on DIN 5033 white standard). Sensing range with 8 ms response time. Reduction with shorter response time (see
tables LL3/WLL180T).
5) LL3-DK06.
6) See LL3 fiber-optic data.
7) Average service life: 100,000 h at TU = +25 °C.
Mechanics/electronics
Supply voltage
12 V DC ... 24 V DC 1)
Ripple
≤ 10 % 2)
Power consumption
≤ 50 mA 3)
Output type
PNP
Number of switching outputs
1
Switching mode
Light/dark switching
Switching mode selector
Manually selectable
Output current Imax.
≤ 100 mA
Response time
≤ 16 µs, ≤ 70 µs, ≤ 250 µs, ≤ 2,000 µs, ≤ 8,000 µs 4)
Switching frequency
31.2 kHz
7.1 kHz
2 kHz
250 Hz
62.5 Hz
Input
Multifunctional input MF
Connection type
Cable, 3-wire, 2 m 5)
Cable material
PVC
Circuit protection
A 6)
B 7)
C 8)
D 9)
Protection class
III
Weight
25 g
Special device
✔
Housing material
ABS/PCPlastic
1) +- 10%.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Selectable.
5) Do not bend below 0 °C.
6) A = VS connections reverse-polarity protected.
7) B = inputs and output reverse-polarity protected.
8) C = interference suppression.
9) D = outputs overcurrent and short-circuit protected.
10) With correctly attached fibre-optic cable LL3 and closed protection hood.
2017-04-06 17:11:29 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com