Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6041508 Datasheet(PDF) 2 Page - SICK AG

Part # 6041508
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6041508 Datasheet(HTML) 2 Page - SICK AG

  6041508 Datasheet HTML 1Page - SICK AG 6041508 Datasheet HTML 2Page - SICK AG 6041508 Datasheet HTML 3Page - SICK AG 6041508 Datasheet HTML 4Page - SICK AG 6041508 Datasheet HTML 5Page - SICK AG 6041508 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WLL180T-M432S01 | WLL180T
FIBER-OPTIC SENSORS AND FIBERS
Illustration may differ
Ordering information
Type
Part no.
WLL180T-M432S01
6041508
Other models and accessories
www.sick.com/WLL180T
Detailed technical data
Features
Device type
Base unit 1)
Sensor/detection principle
Fiber-optic photoelectric sensor
Dimensions (W x H x D)
10.5 mm x 34.6 mm x 71.9 mm
Housing design (light emission)
Rectangular
Sensing range max.
0 m ... 20 m, Through-beam system 2) 3)
Sensing range
0 mm ... 1,400 mm, Proximity system 4) 5)
Focus
 6)
Type of light
Visible red light
Light source
LED 7)
Angle of dispersion
Approx. 65° 6)
Wave length
650 nm
Adjustment
Menu-controlled
Single teach-in button
Time type
Without time delay
Off delay
On delay
ON and OFF delay
One shot
Delay time
Programmable, 0 ms, 9,999 ms
Indication
Display
1) Up to 15 expansion units can be connected.
2) Sensing range with 8 ms response time. Reduction with shorter response time (see tables LL3/WLL180T).
3) LL3-TX01.
4) Objects to be sensed with 90% reflectivity (based on DIN 5033 white standard). Sensing range with 8 ms response time. Reduction with shorter response time (see
tables LL3/WLL180T).
5) LL3-DK06.
6) See LL3 fiber-optic data.
7) Average service life: 100,000 h at TU = +25 °C.
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-04-06 17:11:29
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com