Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL5259B Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # LL5259B
Description  500mW SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

LL5259B Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  LL5259B Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd LL5259B Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd LL5259B Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd LL5259B Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Characteristics (Tj=25℃ unless otherwise specified)
Figure 1. Zener Voltage versus Zener Current – Vz=1 thru 16 Volts
Figure 2. Zener Voltage versus Zener Current – Vz=15 thru 30 Volts
Z ibo Seno Electronic Engineering Co., Ltd.
3 of 4
www.senocn.com
LL5221B~LL5271B
LL5221B~LL5271B
Alldatasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com