Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL5259B Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # LL5259B
Description  500mW SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

LL5259B Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  LL5259B Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd LL5259B Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd LL5259B Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd LL5259B Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead Free: For RoHS / Lead Free Version
500mW SURFACE MOUNT ZENER DIODE
Features
·
Case: MiniMELF, Glass
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Approx. Weight: 0.05 grams
Mechanical Data
Maximum Ratings
Notes:
1. Tested with Pulses, tp = 20ms.
2. Valid provided that Electrodes are kept at Ambient Temperature.
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
Pd
500
mW
Forward Voltage @ IF = 200mA
VF
1.1
V
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
300
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +175
°C
·
Planar Die Construction
·
Sealed Glass Case
·
Ideally Suited for Automated Insertion
·
2.4V - 75V Nominal Zener Voltages
@ TA = 25°C unless otherwise specified
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
C
A
B
1 of 4
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
LL5221B~LL5271B
·
LL5221B~LL5271B
Alldatasheet


Similar Part No. - LL5259B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LL5259B ETC1-LL5259B Datasheet
416Kb / 5P
Zener diode
logo
First Components Intern...
LL5259B FCI-LL5259B Datasheet
181Kb / 2P
쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
logo
Yangzhou yangjie electr...
LL5259B YANGJIE-LL5259B Datasheet
737Kb / 2P
Zener diode
logo
RFE international
LL5259B RFE-LL5259B Datasheet
70Kb / 1P
SURFACE MOUNT Zener Diodes
More results

Similar Description - LL5259B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
Won-Top Electronics
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS31652 Rev. 4 - 2
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 13.2.2003
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 27
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com