Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBWR2524MZGS-D Datasheet(PDF) 6 Page - DDK Ltd.

Part # EBWR2524MZGS-D
Description  Moistureproof Circular Connectors for Solder Terminations Meeting IP55
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

EBWR2524MZGS-D Datasheet(HTML) 6 Page - DDK Ltd.

  EBWR2524MZGS-D Datasheet HTML 1Page - DDK Ltd. EBWR2524MZGS-D Datasheet HTML 2Page - DDK Ltd. EBWR2524MZGS-D Datasheet HTML 3Page - DDK Ltd. EBWR2524MZGS-D Datasheet HTML 4Page - DDK Ltd. EBWR2524MZGS-D Datasheet HTML 5Page - DDK Ltd. EBWR2524MZGS-D Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
http://www.ddknet.co.jp
EB Series
6
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
Unit:mm
○ Protection Cap
EBPC □□ RA-D
Metal Protection Cap
27
φ4.2
19
φ4.2
A
□□
Shell Size
φ3.2
DDK Ltd.
A
□□
Shell Size
φ3.2
DDK
EBPC □□ RA-D
(Plug Cap)
EBRC □□ RA-D
(Receptacle Cap)
EBPC □□ -D
(Plug Cap)
EBRC □□ -D
(Receptacle Cap)
Part Number
φ A
EBPC13-D
24.4
EBPC16-D
28.4
EBPC21-D
32.4
EBPC25-D
36.4
Part Number
φ A
EBRC13-D
25.5
EBRC16-D
29.5
EBRC21-D
33.5
EBRC25-D
37.4
Part Number
A
φ B
EBPC13RA-D
26.5
31.6
EBPC16RA-D
26.5
35.6
EBPC21RA-D
26.5
39.6
EBPC25RA-D
26.5
43.5
Part Number
A
φ B
EBRC13RA-D
9.5
22.0
EBRC16RA-D
9.5
26.0
EBRC21RA-D
9.5
30.0
EBRC25RA-D
9.5
34.0
①②
① Cap Style
PC : Plug
RC : Receptacle
② Shell Size
13, 16, 21, 25
③ Material
-D : Metal
RA-D : Rubber
○ EBR /EBWR /EBWL Panel Cutout Dimension
Y min.
Front Mounting : φM1 min.
Rear Mounting : φM2 min.
E
8-φ3.5±0.2
Shell Size
Mounting hole
Pitch
Front Mounting
Diameter
Rear Mounting
Diameter
Serial Mounting
Pitch
E ±0.2
M1 (min.)
M2 (min.)
Y (min.)
13
20
17
19
42
16
23
21
23
46
21
26
25
27
50
25
29
29
31
54
Note:The panel thickness for the rear mounting is as follows.
Connector without Gasket : 3 mm max.
Connector with Gasket :
2 mm max.
○ EBR(Box Receptacle Connector)
Shell Size
C±0.5
E±0.3
F±0.2
G±0.5
13
16.3
18
20
26
16
20.3
22
23
29
21
24.3
26
26
32
25
28.2
30
29
35
G
6.7
25.9
(30)
10.5±1
F
2±0.3
4-φ 3.2
EBR2524M □ GS-D
①②
③ ④ ⑤ ⑥ ⑦ ⑧
① Connector Style
R
: Box Receptacle
② Shell Size
13, 16, 21 and 25
③ Number of Contacts
03, 07, 10, 16, 19, 24 and 32
④ Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
⑤ Alternate Insert Position
Omit : Standard Position
X, Y, Z : Alternate Insert Position
⑥ Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
⑦ Flange Gasket
Omit : Less Gasket
S : With Gasket
⑧ Finish
D:Black Trivalent Chromium Treatment
Rubber Protection Cap
Panel Cutout for Two Connectors of Same Shell Size



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com