Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBWR2524MZGS-D Datasheet(PDF) 2 Page - DDK Ltd.

Part # EBWR2524MZGS-D
Description  Moistureproof Circular Connectors for Solder Terminations Meeting IP55
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

EBWR2524MZGS-D Datasheet(HTML) 2 Page - DDK Ltd.

  EBWR2524MZGS-D Datasheet HTML 1Page - DDK Ltd. EBWR2524MZGS-D Datasheet HTML 2Page - DDK Ltd. EBWR2524MZGS-D Datasheet HTML 3Page - DDK Ltd. EBWR2524MZGS-D Datasheet HTML 4Page - DDK Ltd. EBWR2524MZGS-D Datasheet HTML 5Page - DDK Ltd. EBWR2524MZGS-D Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
http://www.ddknet.co.jp
EB Series
2
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○Insert Arrangement List
Shell Size
13
16
21
Number of Contacts
3
7
7
10
10
19
Insert Arrnagement
Insert No.
1303
1307
1607
1610
2110
2119
Shell Size
25
Number of Contacts
16
24
32
Insert Arrnagement
Insert No.
2516
2524
2532
θ 1
θ 2
θ 3
XY
Z
13
3
180°
790 ゜
16
730 ゜
10
45 ゜
   90 ゜
21
10
45 ゜
90 ゜
19
45 ゜
90 ゜
25
16
45 ゜
90 ゜
24
45 ゜
90 ゜
32
45 ゜
90 ゜
1
3
2
Z
X
Y
10
8
1
3
4
7
θ1
45°
Insert Locating Key
Shell Locating Key
45°
Front View of Pin Insert or
Rear View of Socket Insert
Examples of Insert Rotaion
For P/N EB □□ 1610MX
For P/N EB □□ 1610FX
1
3
2
1
2
35
67
1
2
35
6
7
10
8
1
3
4
7
1
3
4
7
8
10
13
4
7
8
12
13
16
17
19
1
4
5
9
10
13
14
16
1
2
3
6
7
10
11
14
15
18
19
22
23
24
1
2
3
7
8
13
14
19
20
25
26
30
31
32
○ Alternate Insert Positions
●・・・φ 1.0mm Contact(#20 Contact) ○・・・φ 1.6mm Contact(#16 Contact)
Note : Front view of pin insert or rear view of socket insert
Normal key position illustrated.
Shell
Size
Number of
Contacts
AIternate
Insert
Position
Change Angle



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com