Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBWR1324MZGS-D Datasheet(PDF) 1 Page - DDK Ltd.

Part # EBWR1324MZGS-D
Description  Moistureproof Circular Connectors for Solder Terminations Meeting IP55
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

EBWR1324MZGS-D Datasheet(HTML) 1 Page - DDK Ltd.

  EBWR1324MZGS-D Datasheet HTML 1Page - DDK Ltd. EBWR1324MZGS-D Datasheet HTML 2Page - DDK Ltd. EBWR1324MZGS-D Datasheet HTML 3Page - DDK Ltd. EBWR1324MZGS-D Datasheet HTML 4Page - DDK Ltd. EBWR1324MZGS-D Datasheet HTML 5Page - DDK Ltd. EBWR1324MZGS-D Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
◎ Your checking the latest specifications with our drawings would be highly appreciated.
EB series is a moistureproof circular connector to
meet Class IP55 protection when mated. The rubber
inserts prevent moisture and dust from intruding into a
system. EB series has a bayonet coupling design which
is suitable for applications requiring quick positive
coupling and vibration resistance.
EB Series
Moistureproof Circular Connectors
for Solder Terminations Meeting IP55
RoHS
Compliant
RoHS
Compliant
Contact Size
#20 Contact
#16 Contact
Male Contact Diameter
1.0mm
1.6mm
Rated Voltage
250V AC(r.m.s.) or 350V DC
Rated Current
5A / Contact
10A / Contact
Applicable
Cable
Conductor Diameter
1.0mm max.
1.5mm max.
Nominal Sectional Area
0.5mm2 max.
1.25mm2 max.
Reference Wire Size
AWG #20 max.
AWG #16 max.
Operating Temperature
- 25℃~+ 85℃
Insulation Resistance
1,000M Ω (min.) at 500V DC.
Dielectric Withstanding Voltage
1,000V AC(r.m.s.) at 1 minute.
Contact Resistance
  5m Ω max. at 1A DC
Vibration
Amplitude : 10-55Hz / 1.5mm
Waterproof Rating
IP55
Shock
Acceleration 50G.
Durability
500 cycles
Humidity(Stable Condition) 40℃、90-95% , 96 hours
Heat Cycle
- 40℃ to +100℃:5 cycles
Salt Spray
5% , 35℃ , 48 hours
121105
Item
Material / Finish
Insert
Polychloroprene Rubber / Black
Contact
Copper Alloy / Silver Plating (Standard) or Gold Plating (Option)
Shell
Zinc Diecast / Zinc Plating, Trivalent Chromium Treatment(Black)
Hood
Aluminum Alloy / Zinc Plating, Trivalent Chromium Treatment(Black)
Boot
Polychloroprene Rubber / Black
Protection Cap
Polychloroprene Rubber / Black, Zinc Plating, Trivalent Chromium Treatment
Waterproof
IP55
Lock Type
Bayonet
1. Bayonet Coupling
 This series has a bayonet coupling design. The click sound after rotating the coupling ring gives you the indication of full   
 coupling.
2. 5 Keys to Prevent Mismating
 The shell has five keys. Alternate insert positions eliminate the connector mismating if more than one connector with the same
 size and arrangement is to be used in a system. The insulator is permanently positioned in the shell so that only a connector  
 with the same degree of rotation can be mated with it.
3. Quick and Easy Termination
 The contacts are preloaded in the connector. The solder cups are oriented in one direction to simplify termination.
OUTLINE
FEATURE
SPECIFICATIONS
MATERIAL / FINISH
Note: AWG wire sizes for reference only.


Similar Part No. - EBWR1324MZGS-D

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
EBW OHMITE-EBW Datasheet
480Kb / 2P
Manganin-NiCr Current Sense
EBW OHMITE-EBW Datasheet
502Kb / 2P
Manganin/Aluchrom Alloy Current Sense
logo
Multicomp Pro
EBW-03-B MULTICOMP-EBW-03-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
EBW-04-B MULTICOMP-EBW-04-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
EBW-06-B MULTICOMP-EBW-06-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
More results

Similar Description - EBWR1324MZGS-D

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR24A-8DLPA4SA2200A HIROSE-HR24A-8DLPA4SA2200A Datasheet
722Kb / 17P
CIRCULAR WATER-PROOF CONNECTORS FOR SENSORS
logo
DB Lectro Inc
AEC0610SL-P9 DBLECTRO-AEC0610SL-P9 Datasheet
434Kb / 1P
PG-ADAPTER FOR MS CIRCULAR CONNECTORS
AEC0810SL-P9 DBLECTRO-AEC0810SL-P9 Datasheet
435Kb / 1P
PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
Circular Connectors
logo
DDK Ltd.
JMSP1303MXGD-D DDK-JMSP1303MXGD-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
WEBSP1303MXG-1-D DDK-WEBSP1303MXG-1-D Datasheet
301Kb / 8P
Waterproof Circular Connectors for Solder Terminations Meeting IP67
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
Miniature circular connectors
logo
DDK Ltd.
JMSP2116F-D DDK-JMSP2116F-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
logo
List of Unclassifed Man...
R03 ETC2-R03 Datasheet
616Kb / 2P
Miniature Circular Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com