Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBWR1324MZGS-D Datasheet(PDF) 4 Page - DDK Ltd.

Part # EBWR1324MZGS-D
Description  Moistureproof Circular Connectors for Solder Terminations Meeting IP55
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

EBWR1324MZGS-D Datasheet(HTML) 4 Page - DDK Ltd.

  EBWR1324MZGS-D Datasheet HTML 1Page - DDK Ltd. EBWR1324MZGS-D Datasheet HTML 2Page - DDK Ltd. EBWR1324MZGS-D Datasheet HTML 3Page - DDK Ltd. EBWR1324MZGS-D Datasheet HTML 4Page - DDK Ltd. EBWR1324MZGS-D Datasheet HTML 5Page - DDK Ltd. EBWR1324MZGS-D Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
http://www.ddknet.co.jp
EB Series
4
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
Unit:mm
○ EBWL(Angle Wall Receptacle)
○ EBWR(Wall Receptacle )
Shell Size
A max.
B max.
C±0.5
D±0.5
E±0.3
F±0.2
G±0.5
13
51.6
71.6
23.5
8.2
18
20
26
16
53.6
73.6
27.4
9.2
22
23
29
21
55.6
75.6
31.6
12.2
26
26
32
25
57.6
77.6
34.8
15.0
30
29
35
Shell Size
A max.
B max.
C±0.5
D±0.5
E±0.3
F±0.2
G±0.5
13
55.5
61.9
41.9
8.2
18
20
26
16
60.0
66.0
46.0
9.2
22
23
29
21
63.8
70.2
50.2
12.2
26
26
32
25
68.0
73.4
53.4
15.0
30
29
35
F
G
(A)
2±0.3
10.5±1
6.7
(B)
4-φ 3.2
(A)
G
F
10.5±1.0
φ D
6.7
2
±0.3
4-φ 3.2
EBWR2524M □ GS-D
①②
③ ④ ⑤ ⑥ ⑦ ⑧
① Connector Style
WR : Wall Receptacle
② Shell Size
13, 16, 21 and 25
③ Number of Contacts
03, 07, 10, 16, 19, 24 and 32
④ Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
⑤ Alternate Insert Position
Omit :
Standard Position
X, Y, Z : Alternate Insert Position
⑥ Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
⑦ Flange Gasket
Omit : Less Gasket
S : With Gasket
⑧ Finish
D:Black Trivalent Chromium Treatment
EBWL2524M □ GS-D
①②
③ ④ ⑤ ⑥ ⑦ ⑧
① Connector Style
WR : Angle Wall Receptacle
② Shell Size
13, 16, 21 and 25
③ Number of Contacts
03, 07, 10, 16, 19, 24 and 32
④ Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
⑤ Alternate Insert Position
Omit : Standard Position
X, Y, Z : Alternate Insert Position
⑥ Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
⑦ Flange Gasket
Omit : Less Gasket
S : With Gasket
⑧ Finish
D:Black Trivalent Chromium Treatment



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com