Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMBE2000 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 9
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
2.2.2
Channel Interface Overview
The channel interface is meant to be flexible to allow for easy integration with the system under design. The basic hardware
unit of the interface is a serial port. The serial mode can run in passive or active modes. Simply stated, the control signal for
serial mode can be derived by the AMBE-2000™ chip or they can be derived externally.
Under normal operation, every 20msec the encoder outputs a frame of coded bits, and the decoder needs to be delivered a
frame of coded bits. There is some formatting of the data for both the encoder and the decoder. The primary purpose of the
formatting is to provide alignment information for the encoded bit stream. The data has two formats, Formatted and
Unformatted. Serial mode can run in either Formatted or Unformatted mode.
The Formatted and Unformatted modes are explained in full detail in Section 4, but essentially the two formats are trying to
achieve the same function, to provide positional information regarding the outgoing and incoming coded data streams. In
Formatted mode each 20msecs of output data from the encoder is preceded by a known structure. This structure also embeds
some status type flags, meant for local control purposes, within it. The only data from the Formatted format that is typically
sent across the transmission channel under design are the actual encoded bits at the desired rate.
In Formatted mode, it is the responsibility of the designed system to pass enough information along with the encoded bits such
that the Formatted format needed by the decoder can be reconstructed on the other side. This extra information, or overhead,
is going to be very specific to the system under design, but at a minimum needs to pass enough information to reliably
reconstruct the 20msec frame structure at the other end for the decoder.
In Unformatted mode the data coming out of the encoder can be thought of as a continuous stream of voice data with the
framing information embedded within the encoded bits. One advantage of this type of set-up is that the system does not have
to add any bandwidth for overhead to the channel. The disadvantage is that the decoder needs 10-12 incoming frames in order
to gain synchronization with the data stream before it can properly synthesize the speech waveform. Also, the Unformatted
mode only commits a single bit per frame to maintaining data alignment. In higher error rate channels the performance will be
improved by adding more bits per frame to the alignment information (which is more easily performed when using Formatted
mode)
Additional flexibility is given to the channel interface to the encoder and decoder by allowing the AMBE-2000™ Vocoder
Chip to run in Passive or Active modes. In Passive mode, data strobes are provided by an external source, while in Active
mode, data strobes are provided by the AMBE-2000™ Vocoder Chip. The serial interfaces can be run in Passive or Active
modes. See Section 4 for full details and timing for both Formatted and Unformatted data.
2.2.3
Speech and FEC Rate Selection Overview
The total coded bit rate is the sum of two components, the Speech Data and the Forward Error Correction (FEC) Data. The
addition of FEC data to the speech data allows the decoder to be able to correct a limited amount of errors within each frame
should they arrive corrupted. If the channel is expected to have more errors then more bits should be dedicated to FEC. At the
same time, voice quality will increase if the number of speech bits can be maximized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com