Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMBE2000 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # AMBE2000
Description  VOCODER CHIP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMBE2000 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button AMBE2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers AMBE2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
AMBE-2000™ Vocoder Chip
User’s Manual Version 3.0
page 34
Visit us at www.dvsinc.com
Confidential Proprietary, Subject to Change
5.4.2 Unformatted Serial Input Format
The Unformatted Input format contains 1 to 4 bits within each 16 bits serial output word. For the formats which contain more
than one bit each word the MSB of the data bits is considered first in the transmission. In Unformatted mode, the header data
from Formatted mode is dropped and each 16 bit write contains 1 to 4 coded voice data bits. The number of words that need to
be transferred into the decoder for each 20 millisecond frame will be the number of bits per frame divided by the number of bits
per word. So a system coding at 4800 bps with 3 bits per word will need to write exactly 32 ( [4800
÷50] ÷3 = 32) words each
frame.
Table 5-Q Unformatted Serial Input Data Format
Data
Control Offset
Control Data
Bits per Word
See Table 4-A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1 bit per Word Format
D msb
0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
2 bits per Word Format
D msb
D
0
0
0
0
0
X
X
X
X
X
X
X
X
X
3 bits per Word Format
D msb
D
D
0
0
0
0
X
X
X
X
X
X
X
X
X
4 bits per Word Format
D msb
D
D
D
0
0
0
X
X
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com