Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER27L Datasheet(PDF) 24 Page - STMicroelectronics

Part # VIPER27L
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER27L Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VIPER27L Datasheet HTML 20Page - STMicroelectronics VIPER27L Datasheet HTML 21Page - STMicroelectronics VIPER27L Datasheet HTML 22Page - STMicroelectronics VIPER27L Datasheet HTML 23Page - STMicroelectronics VIPER27L Datasheet HTML 24Page - STMicroelectronics VIPER27L Datasheet HTML 25Page - STMicroelectronics VIPER27L Datasheet HTML 26Page - STMicroelectronics VIPER27L Datasheet HTML 27Page - STMicroelectronics VIPER27L Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Operation descriptions
VIPER27
24/31
Doc ID 15133 Rev 5
Fixed the VINon and the VINoff levels, with reference to Figure 31, the following relationships
can be established for the calculation of the resistors RH and RL:
Equation 9
Equation 10
For a proper operation of this function, VIN on must be less than the peak voltage at
minimum mains and VIN off less than the minimum voltage on the input bulk capacitor at
minimum mains and maximum load.
The BR pin is a high impedance input connected to high value resistors, thus it is prone to
pick up noise, which might alter the OFF threshold when the converter operates or gives
origin to undesired switch-off of the device during ESD tests.
It is possible to bypass the pin to ground with a small film capacitor (e.g. 1-10 nF) to prevent
any malfunctioning of this kind.
If the brown-out function is not used the BR pin has to be connected to GND, ensuring that
the voltage is lower than the minimum of VDIS threshold (50 mV, see Table 8). In order to
enable the brown-out function the BR pin voltage has to be higher than the maximum of
VDIS threshold (150 mV, see Table 8).
Figure 31.
Brown-out protection: BR external setting and timing diagram
Rh
Rl
AC_OK Disable
BR
VDIS
Vin_OK
Vcc
+
-
VBRth
IBRhyst
VIN
VIN
VDRAIN
VOUT
VBR
VBRth
Vin_OK
IBR
t
t
t
t
t
t
t
VINon
VINoff
IBRhyst
t
t
t
t
t
t
t
VDD
VDD
VDDon
VDDoff
BRhyst
BRth
BRth
INoff
BRhyst
INoff
INon
BRhyst
BRhyst
L
I
V
V
V
V
V
V
I
V
R
×
−
−
−
+
−
=
BRhyst
BRhyst
L
L
BRhyst
BRhyst
INoff
INon
H
I
V
R
R
I
V
V
V
R
+
×
−
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com