Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER27L Datasheet(PDF) 14 Page - STMicroelectronics

Part # VIPER27L
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER27L Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VIPER27L Datasheet HTML 10Page - STMicroelectronics VIPER27L Datasheet HTML 11Page - STMicroelectronics VIPER27L Datasheet HTML 12Page - STMicroelectronics VIPER27L Datasheet HTML 13Page - STMicroelectronics VIPER27L Datasheet HTML 14Page - STMicroelectronics VIPER27L Datasheet HTML 15Page - STMicroelectronics VIPER27L Datasheet HTML 16Page - STMicroelectronics VIPER27L Datasheet HTML 17Page - STMicroelectronics VIPER27L Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Operation descriptions
VIPER27
14/31
Doc ID 15133 Rev 5
7
Operation descriptions
VIPER27
is a high-performance low-voltage PWM controller chip with an 800 V, avalanche
rugged Power section.
The controller includes: the oscillator with jittering feature, the start up circuits with soft-start
feature, the PWM logic, the current limit circuit with adjustable set point, the second over
current circuit, the burst mode management, the brown-out circuit, the UVLO circuit, the
auto-restart circuit and the thermal protection circuit.
The current limit set-point is set by the CONT pin. The burst mode operation guaranties high
performance in the stand-by mode and helps in the energy saving norm accomplishment.
All the fault protections are built in auto restart mode with very low repetition rate to prevent
IC's over heating.
7.1
Power section and gate driver
The power section is implemented with an avalanche ruggedness N-channel MOSFET,
which guarantees safe operation within the specified energy rating as well as high dv/dt
capability. The power section has a BVDSS of 800 V min. and a typical RDS(on) of 7 Ω
at 25
°C.
The integrated SenseFET structure allows a virtually loss-less current sensing.
The gate driver is designed to supply a controlled gate current during both turn-on and turn-
off in order to minimize common mode EMI. Under UVLO conditions an internal pull-down
circuit holds the gate low in order to ensure that the power section cannot be turned on
accidentally.
7.2
High voltage startup generator
The HV current generator is supplied through the DRAIN pin and it is enabled only if the
input bulk capacitor voltage is higher than VDRAIN_START threshold, 80 VDC typically. When
the HV current generator is ON, the IDDch current (3 mA typical value) is delivered to the
capacitor on the VDD pin. In case of auto restart mode after a fault event, the IDDch current is
reduced to 0.6 mA, in order to have a slow duty cycle during the restart phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com