Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM704TM6F Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM704TM6F
Description  3V Supervisor with Battery Switchover
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704TM6F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM704TM6F Datasheet HTML 20Page - STMicroelectronics STM704TM6F Datasheet HTML 21Page - STMicroelectronics STM704TM6F Datasheet HTML 22Page - STMicroelectronics STM704TM6F Datasheet HTML 23Page - STMicroelectronics STM704TM6F Datasheet HTML 24Page - STMicroelectronics STM704TM6F Datasheet HTML 25Page - STMicroelectronics STM704TM6F Datasheet HTML 26Page - STMicroelectronics STM704TM6F Datasheet HTML 27Page - STMicroelectronics STM704TM6F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
STM690/704/795/802/804/805/806
24/31
VOL
Output Low Voltage (PFO,
RST, RST, Vccsw)
VCC = VRST (max),
ISINK = 3.2mA
0.3
V
Output Low Voltage (ECON)
VCC = VRST (max),
IOUT = 1.6mA, E = 0V
0.2VCC
V
VOL
Output Low Voltage (RST)
IOL = 40µA; VCC = 1.0V;
VBAT = VCC;
TA = 0°C to 85°C
0.3
V
IOL = 200µA;
VCC = 1.2V; VBAT = VCC
0.3
V
VOH
Output High Voltage (RST,
RST)(7)
ISOURCE = 1mA,
VCC = VRST (max)
2.4
V
Output High Voltage (ECON)
VCC = VRST (max),
IOUT = 1.6mA, E = VCC
0.8VCC
V
Output High Voltage (PFO)
ISOURCE = 75µA,
VCC = VRST (max)
0.8VCC
V
VOHB
VOH Battery Back-up (ECON,
Vccsw, RST)
ISOURCE = 100µA,
0.8VBAT
V
Power-fail Comparator (NOT available on STM795)
VPFI
PFI Input Threshold
PFI Falling
(VCC < 3.6V)
STM802/
804/806
1.212
1.237
1.262
V
STM690/
704/805
1.187
1.237
1.287
V
PFI Hysteresis
PFI Rising (VCC < 3.6V)
10
20
mV
tPFD
PFI to PFO Propagation
Delay
2µs
ISC
PFO Output Short to
GND Current
VCC = 3.6V, PFO = 0V
0.1
0.75
2.0
mA
Battery Switchover
VSO
Battery Back-up
Switchover Voltage (8,9)
Power-down
VBAT > VSW
VSW
V
VBAT < VSW
VBAT
V
Power-up
VBAT > VSW
VSW
V
VBAT < VSW
VBAT
V
VSW
2.4
V
Hysteresis
40
mV
Sym
Alter-
native
Description
Test Condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com