Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM704TM6F Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM704TM6F
Description  3V Supervisor with Battery Switchover
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704TM6F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM704TM6F Datasheet HTML 8Page - STMicroelectronics STM704TM6F Datasheet HTML 9Page - STMicroelectronics STM704TM6F Datasheet HTML 10Page - STMicroelectronics STM704TM6F Datasheet HTML 11Page - STMicroelectronics STM704TM6F Datasheet HTML 12Page - STMicroelectronics STM704TM6F Datasheet HTML 13Page - STMicroelectronics STM704TM6F Datasheet HTML 14Page - STMicroelectronics STM704TM6F Datasheet HTML 15Page - STMicroelectronics STM704TM6F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
STM690/704/795/802/804/805/806
12/31
Using a SuperCap™ as a Backup Power
Source
SuperCaps™ are capacitors with extremely high
capacitance values (e.g., order of 0.47F) for their
size. Figure 15 shows how to use a SuperCap as
a back-up power source. The SuperCap may be
connected through a diode to the VCC supply.
Since VBAT can exceed VCC while VCC is above
the reset threshold, there are no special precau-
tions when using these supervisors with a Super-
Cap.
Figure 15. Using a SuperCap™
Negative-Going VCC Transients
The STM690/704/795/802/804/805/806 Supervi-
sors are relatively immune to negative-going VCC
transients (glitches). Figure 32., page 20 was gen-
erated using a negative pulse applied to VCC,
starting at VRST + 0.3V and ending below the reset
threshold by the magnitude indicated (comparator
overdrive). The graph indicates the maximum
pulse width a negative VCC transient can have
without causing a reset pulse. As the magnitude of
the transient increases (further below the thresh-
old), the maximum allowable pulse width decreas-
es. Any combination of duration and overdrive
which lies under the curve will NOT generate a re-
set signal. Typically, a VCC transient that goes
100mV below the reset threshold and lasts 40µs or
less will not cause a reset pulse. A 0.1µF bypass
capacitor mounted as close as possible to the VCC
pin provides additional transient immunity.
AI08805
STMXXX
VBAT
VCC
VOUT
5V
GND
RST
To external SRAM
To µP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com