Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP101 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP101
Description  Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP101 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP101 Datasheet HTML 8Page - Texas Instruments TMP101 Datasheet HTML 9Page - Texas Instruments TMP101 Datasheet HTML 10Page - Texas Instruments TMP101 Datasheet HTML 11Page - Texas Instruments TMP101 Datasheet HTML 12Page - Texas Instruments TMP101 Datasheet HTML 13Page - Texas Instruments TMP101 Datasheet HTML 14Page - Texas Instruments TMP101 Datasheet HTML 15Page - Texas Instruments TMP101 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
SCL
SDA
t
(LOW)
t
RC
t
FC
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
t
(BUF)
S
S
P
P
t
RD
t
FD
12
TMP100-Q1, TMP101-Q1
SBOS581A – SEPTEMBER 2011 – REVISED MAY 2017
www.ti.com
Product Folder Links: TMP100-Q1 TMP101-Q1
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
8.3.10 POR (Power-On Reset)
The TMP100-Q1 and TMP101-Q1 devices both have on-chip, power-on reset circuits that reset the device to
default settings when the device is powered on. This circuit activates when the power supply is less than 0.3 V
for more than 100 ms. If the TMP100-Q1 and TMP101-Q1 devices are powered down by removing supply
voltage from the device, but the supply voltage is not assured to be less than 0.3 V, TI recommends issuing a
General Call reset command on the I2C interface bus to ensure that the TMP100-Q1 and TMP101-Q1 devices
are completely reset.
8.3.11 Timing Diagrams
The TMP100-Q1 and TMP101-Q1 devices are Two-Wire, SMBUs, and I2C interface-compatible. Figure 6 to
Figure 9 describe the various operations on the TMP100-Q1 and TMP101-Q1. The following list provides bus
definitions. Parameters for Figure 6 are defined in the Timing Requirements section.
Bus Idle: Both SDA and SCL lines remain HIGH.
Start Data Transfer: A change in the state of the SDA line, from HIGH to LOW, while the SCL line is HIGH,
defines a START condition. Each data transfer is initiated with a START condition.
Stop Data Transfer: A change in the state of the SDA line from LOW to HIGH while the SCL line is HIGH
defines a STOP condition. Each data transfer is terminated with a repeated START or STOP condition.
Data Transfer: The number of data bytes transferred between a START and a STOP condition is not limited and
is determined by the master device. The receiver acknowledges the transfer of data.
Acknowledge: Each receiving device, when addressed, is obliged to generate an Acknowledge bit. A device
that acknowledges must pull down the SDA line during the Acknowledge clock pulse in such a way that the SDA
line is stable LOW during the HIGH period of the Acknowledge clock pulse. Setup and hold times must be taken
into account. On a master receive, the termination of the data transfer can be signaled by the master generating
a Not-Acknowledge on the last byte that is transmitted by the slave.
Figure 6. I2C Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com