Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP101 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP101
Description  Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP101 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP101 Datasheet HTML 7Page - Texas Instruments TMP101 Datasheet HTML 8Page - Texas Instruments TMP101 Datasheet HTML 9Page - Texas Instruments TMP101 Datasheet HTML 10Page - Texas Instruments TMP101 Datasheet HTML 11Page - Texas Instruments TMP101 Datasheet HTML 12Page - Texas Instruments TMP101 Datasheet HTML 13Page - Texas Instruments TMP101 Datasheet HTML 14Page - Texas Instruments TMP101 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
TMP100-Q1, TMP101-Q1
www.ti.com
SBOS581A – SEPTEMBER 2011 – REVISED MAY 2017
Product Folder Links: TMP100-Q1 TMP101-Q1
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
8.3.6 Slave Mode Operations
The TMP100-Q1 and TMP101-Q1 devices can operate as a slave receiver or slave transmitter.
8.3.6.1 Slave Receiver Mode
The first byte transmitted by the master is the slave address, with the R/W bit LOW. The TMP100-Q1 or
TMP101-Q1 devices then acknowledges reception of a valid address. The next byte transmitted by the master is
the Pointer Register. The TMP100-Q1 or TMP101-Q1 devices then acknowledges reception of the Pointer
Register byte. The next byte or bytes are written to the register addressed by the Pointer Register. The TMP100-
Q1 and TMP101-Q1 devices acknowledge reception of each data byte. The master can terminate data transfer
by generating a START or STOP condition.
8.3.6.2 Slave Transmitter Mode
The first byte is transmitted by the master and is the slave address, with the R/W bit HIGH. The slave
acknowledges reception of a valid slave address. The next byte is transmitted by the slave and is the most
significant byte of the register indicated by the Pointer Register. The master acknowledges reception of the data
byte. The next byte transmitted by the slave is the least significant byte. The master acknowledges reception of
the data byte. The master can terminate data transfer by generating a Not-Acknowledge on reception of any data
byte, or generating a START or STOP condition.
8.3.7 SMBus Alert Function
The TMP101-Q1 device supports the SMBus Alert function. When the TMP101-Q1 device is operating in
Interrupt Mode (TM = 1), the ALERT pin of the TMP101-Q1 device can be connected as an SMBus Alert signal.
When a master senses that an ALERT condition is present on the ALERT line, the master sends an SMBus Alert
command (00011001) on the bus. If the ALERT pin of the TMP101-Q1 device is active, the TMP101-Q1 device
acknowledges the SMBus Alert command and responds by returning its slave address on the SDA line. The
eighth bit (LSB) of the slave address byte indicates if the temperature exceeding THIGH or falling below TLOW
caused the ALERT condition. For POL = 0, this bit is LOW if the temperature is greater than or equal to THIGH.
This bit is HIGH if the temperature is less than TLOW. The polarity of this bit is inverted if POL = 1; see Figure 9
for details of this sequence.
If multiple devices on the bus respond to the SMBus Alert command, arbitration during the slave address portion
of the SMBus alert command determine which device clears its ALERT status. If the TMP101-Q1 device wins the
arbitration, its ALERT pin becomes inactive at the completion of the SMBus Alert command. If the TMP101-Q1
loses the arbitration, its ALERT pin remains active.
The TMP100-Q1 device also responds to the SMBus ALERT command if its TM bit is set to 1. Because the
device does not have an ALERT pin, the device must periodically poll the device by issuing an SMBus Alert
command. If the TMP100-Q1 device generates an ALERT, the device acknowledges the SMBus Alert command
and returns its slave address in the next byte.
8.3.8 General Call
The TMP100-Q1 and TMP101-Q1 devices respond to the I2C General Call address (0000000) if the eighth bit is
0. The device acknowledges the General Call address and responds to commands in the second byte. If the
second byte is 00000100, the TMP100-Q1 and TMP101-Q1 devices latch the status of their address pins, but do
not reset. If the second byte is 00000110, the TMP100-Q1 and TMP101-Q1 devices latch the status of their
address pins and reset their internal registers.
8.3.9 High-Speed Mode
In order for the I2C bus to operate at frequencies above 400 kHz, the master device must issue an Hs-mode
master code (00001XXX) as the first byte after a START condition to switch the bus to high-speed operation.
The TMP100-Q1 and TMP101-Q1 devices do not acknowledge this byte as required by the I2C specification, but
do switch their input filters on SDA and SCL and their output filters on SDA to operate in Hs-mode, allowing
transfers at up to 2 MHz. After the Hs-mode master code is issued, the master transmits an I2C slave address to
initiate a data transfer operation. The bus continues to operate in Hs-mode until a STOP condition occurs on the
bus. Upon receiving the STOP condition, the TMP100-Q1 and TMP101-Q1 devices switch the input and output
filter back to fast-mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com