Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7LITEUS5 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7LITEUS5
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS5 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7LITEUS5 Datasheet HTML 9Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 10Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 11Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 12Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 13Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 14Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 15Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 16Page - STMicroelectronics ST7LITEUS5 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Pin description
13/136
Figure 4.
16-pin package pinout
1.
Reserved pins must be tied to ground.
2.
The differences versus the 8-pin packages are listed below:
The I2C signals (ICCCLK and ICCDATA) are mapped on dedicated pins.
The RESET signal is mapped on a dedicated pin. It is not multiplexed with PA3.
PA3 pin is always configured as output. Any change on multiplexed IO reset control registers (MUXCR1
and MUXCR2) will have no effect on PA3 functionality. Refer to Section 6.5: Register description on
page 37.
Reserved 1)
VDD
ICCCLK
NC
VSS
PA1 (HS) / AIN1
PA0 (HS) / AIN0 / ATPWM
RESET
1
2
3
4
1
1
1
1
ei4
ei3
ei1
ei0
PA5 (HS) / AIN4 / CLKIN
PA4 (HS) / AIN3/MCO
NC
NC
ICCDATA
NC
PA2 (HS) / LTIC / AIN2
PA3
5
7
6
8
12
11
10
9
ei2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com