Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETV2664FIBZWT Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 55 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 51Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 52Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 53Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 54Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 55Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 56Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 57Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 58Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 2-23. PWM0, PWM1, and PWM2 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
PWM2
This pin is multiplexed between the System Clock generator (PLL1),
CLKOUT0/PWM2/
IPD
M1
R1
I/O/Z
PWM2, and GPIO.
GP[84]
DVDD33
For PWM2, this pin is output PWM2.
PWM1
IPD
This pin is multiplexed between GPIO and PWM1.
GP[4]/PWM1
F3
F3
I/O/Z
DVDD33
For PWM1, this pin is output PWM1.
PWM0
This pin is multiplexed between the UART0 (Flow Control), PWM0,
URTS0/PWM0/
IPU
L3
M3
I/O/Z
and GPIO.
GP[88]
DVDD33
For PWM0, this pin is output PWM0.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2007–2009, Texas Instruments Incorporated
Device Overview
55
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com