Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC87366 Datasheet(PDF) 179 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87366
Description  128-Pin LPC SuperI/O with System Hardware Monitoring, MIDI and Game Ports
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87366 Datasheet(HTML) 179 Page - National Semiconductor (TI)

Back Button PC87366 Datasheet HTML 175Page - National Semiconductor (TI) PC87366 Datasheet HTML 176Page - National Semiconductor (TI) PC87366 Datasheet HTML 177Page - National Semiconductor (TI) PC87366 Datasheet HTML 178Page - National Semiconductor (TI) PC87366 Datasheet HTML 179Page - National Semiconductor (TI) PC87366 Datasheet HTML 180Page - National Semiconductor (TI) PC87366 Datasheet HTML 181Page - National Semiconductor (TI) PC87366 Datasheet HTML 182Page - National Semiconductor (TI) PC87366 Datasheet HTML 183Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 240 page
background image
11.0 Voltage Level Monitor (VLM) (Continued)
179
www.national.com
The ALARM output is used to indicate to the system that a voltage outside the high/low limits was detected. The ALARM
output Enable bit in the VCHCFST register, enables the ALARM output to be active when the “Channel High Limit Exceeded”
or the “Channel Low Limit Exceeded” status bit in the VCHCFST register is set.
The SMI output generates an interrupt if any enabled SMI event occurs. Each bit in the VEVSTS0/1 register has a corre-
sponding SMI Enable bit in the VEVSMI0/1 register. When any status bit and its corresponding SMI Enable bit are set the
SMI output is active.
The IRQ output generates an interrupt if any enabled IRQ event occurs. Each bit in the VEVSTS0/1 register has a corre-
sponding IRQ Enable bit in the VEVIRQ0/1 register. When any status bit and its corresponding IRQ Enable bit are set the
IRQ output is active.
Alarm Response Read Sequence
When the VLM activates the ALARM output, the host should respond by reading the VEVSTS0 and VEVSTS1 registers. It
should then access the register of each of the channels whose bit is set in the VEVSTS0 and VEVSTS1 registers and clear
these bits by writing 1 to each of them.
11.2.2
Thermistor-Based Temperature Measurement, Channels 11 to 13
The VLM module can measure environmental temperature by using thermistors. This feature is supported over channels 11
to 13. The temperature measurement under this scheme is based on a voltage divider between AVDD and AVSS where one
of the two resistors is a thermistor. See Figure 36.
The translation of voltage to temperature is determined by the parameters of the thermistor in use. The values in the registers
with the results and limts are defined by the result of the voltage measurement. For the channels that support temperature
measurement, standard temperature monitoring functions are provided: low and high temperature ALERT, and overtemper-
ature shutdown.
11.2.3
VOS, VHIGH and VLOW Limits, OTS and ALERT Output, IRQ and SMI
The voltage reading is compared to three limits: VOS,VHIGH and VLOW. If the voltage reading is outside any of these limits,
the respective status bit (Channel Overtemperature Limit Exceeded, Channel High Limit Exceeded or the Channel Low Limit
Exceeded) in the VCHCFST register is set. The status bit will stay active until it is cleared by the software. An ALERT status
bit in the VEVSTS0/1 register is set when the Channel High Limit Exceeded, the Channel Low Limit Exceeded or the Over-
temperature Event bit for the respective channel is set.
The OTS output is used to indicate to the system that the overtemperature limit has been exceeded. The OTS Output Enable
bit in the VCHCFST register, enables the OTS output to be active when the OTS status of the channel is active.
The ALERT output is used to indicate to the system that the current temperature is outside the high/low limits . The ALERT
output Enable bit in the VTCHCFST register, enables the ALERT output to be active when the “Channel High Limit Exceed-
ed” or the “Channel Low Limit Exceeded” status bit in the VCHCFST register is set. [This signal is not connected in the 365
and 366.]
The SMI output generates an interrupt if any enabled SMI event occurs. Each bit in the VEVSTS1 register has a correspond-
ing SMI Enable bit in the VEVSMI1 register. When any status bit and its corresponding SMI Enable bit are set the SMI output
is active.
The IRQ output generates an interrupt if any enabled IRQ event occurs. Each bit in the VEVSTS1 register has a correspond-
ing IRQ Enable bit in the VEVIRQ1 register. When any status bit and its corresponding IRQ Enable bit are set the IRQ output
is active.
Figure 36. Measuring Temperature using Thermistors
R
AVDD
NTS
TSi
PTS
R
TSi
AVDD
AVSS
AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com