Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCF05 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STCF05
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF05 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STCF05 Datasheet HTML 21Page - STMicroelectronics STCF05 Datasheet HTML 22Page - STMicroelectronics STCF05 Datasheet HTML 23Page - STMicroelectronics STCF05 Datasheet HTML 24Page - STMicroelectronics STCF05 Datasheet HTML 25Page - STMicroelectronics STCF05 Datasheet HTML 26Page - STMicroelectronics STCF05 Datasheet HTML 27Page - STMicroelectronics STCF05 Datasheet HTML 28Page - STMicroelectronics STCF05 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
STCF05
Registers description
Doc ID 15257 Rev 4
25/33
Figure 13.
VOUTOK_N behavior
Table 16.
Status register details
Bit name
LED_S
F_RUN
(STAT_
REG)
LED_O
(STAT_
REG)
NTC_W
(STAT_
REG)
NTC_H
(STAT_
REG)
OT_F
(STAT_
REG)
OC_F
(STAT_
REG)
VOUTOK_
N (STAT_
REG)
Default
value
00
0
0
0
0
0
0
Latched
(1)
YES
NO
YES
YES
YES
YES
NO
YES
Forces
Ready
mode
when set
NO
NO
YES
NO
YES
YES
NO
YES
Sets ATN
LOW
when set
YES
NO
YES
YES
YES
YES
NO
YES
1.
YES means that the bit is set by internal signals and is reset to default by an I²C read operation of STAT_REG. NO means
that the bit is set and reset by internal signals in real-time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com