Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCF05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCF05
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF05 Datasheet(HTML) 1 Page - STMicroelectronics

  STCF05 Datasheet HTML 1Page - STMicroelectronics STCF05 Datasheet HTML 2Page - STMicroelectronics STCF05 Datasheet HTML 3Page - STMicroelectronics STCF05 Datasheet HTML 4Page - STMicroelectronics STCF05 Datasheet HTML 5Page - STMicroelectronics STCF05 Datasheet HTML 6Page - STMicroelectronics STCF05 Datasheet HTML 7Page - STMicroelectronics STCF05 Datasheet HTML 8Page - STMicroelectronics STCF05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
July 2010
Doc ID 15257 Rev 4
1/33
33
STCF05
High power white LED driver with I²C interface
Features
Boost DC-DC converter with synchronous
rectification
Drives 2 power white LEDs in series with a
current up to 400 mA
Input voltage range 2.5 V to 5.5 V
Needs 3 external components only
Output current control
1.8 MHz fixed frequency PWM control
Peak inductor current limited to 3 A
Full I²C control
Operational modes:
– Standby mode
– Standby mode with NTC
– Flash mode: up to 400 mA
– Torch mode: up to 120 mA
Soft and hard triggering of flash
Flash and Torch dimming in 15 exponential
steps
Dimmable red LED indicator auxiliary output
Internally or externally timed flash operation
Digitally programmable safety time-out in flash
mode
LED overtemperature detection and protection
with external NTC resistor
Open and shorted LED failure detection and
protection
Chip overtemperature detection and protection
Less than 1 µA standby current
Package 3 x 3 mm TFBGA25
Applications
Cell phones and smartphones
Camera flashes/strobe
PDAs and digital still cameras
Description
The STCF05 is a high efficiency power supply
solution to drive multiple flash LEDs in camera
phones, PDAs and other hand-held devices. The
synchronous boost topology with output current
control guarantees the proper LED current over
all possible conditions of battery level and LED
forward voltage. All the functions of the device are
controlled through the I²C bus that allows to
reduce logic pins on the package and to save
PCB traces on the board. Hard and soft-triggering
of the flash are both supported. The device
includes many functions to protect the chip and
the power LEDs. These comprehend a soft-start
control, chip over temperature detection and
protection, open and shorted LEDs detection and
protection. In addition, a digital programmable
time-out function protects the LEDs in case of
wrong command from microprocessor. See
description (continued).
TFBGA25 (3 x 3 mm)
Table 1.
Device summary
Order code
Package
Packaging
STCF05TBR
TFBGA25 (3 x 3 mm)
3000 parts per reel
www.st.com


Similar Part No. - STCF05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF01 STMICROELECTRONICS-STCF01 Datasheet
481Kb / 16P
Step-up Converter for Cell Phone Camera Flash LEDs
10-Oct-2005
STCF01 STMICROELECTRONICS-STCF01 Datasheet
348Kb / 16P
Step-up converter for cell phone camera flash LEDs
18-Oct-2006
STCF01PMR STMICROELECTRONICS-STCF01PMR Datasheet
481Kb / 16P
Step-up Converter for Cell Phone Camera Flash LEDs
10-Oct-2005
STCF01PMR STMICROELECTRONICS-STCF01PMR Datasheet
348Kb / 16P
Step-up converter for cell phone camera flash LEDs
18-Oct-2006
STCF01 STMICROELECTRONICS-STCF01_06 Datasheet
348Kb / 16P
Step-up converter for cell phone camera flash LEDs
18-Oct-2006
More results

Similar Description - STCF05

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1509 YOBON-YB1509 Datasheet
96Kb / 7P
High-Power White LED Driver
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
High-Power White LED Driver
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
High power white LED driver with I2C??interface
12-Sep-2007
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03I STMICROELECTRONICS-STCF03I Datasheet
450Kb / 33P
High power white LED driver with I2CTM interface
12-Sep-2007
STCF03I STMICROELECTRONICS-STCF03I_08 Datasheet
464Kb / 33P
High power white LED driver with I²C interface
10-Sep-2008
logo
Power Analog Micoelectr...
PAM2800 PAM-PAM2800 Datasheet
92Kb / 7P
High Power White LED Driver
logo
STMicroelectronics
STCF04TBR STMICROELECTRONICS-STCF04TBR Datasheet
1Mb / 43P
High power white LED SuperCap??driver with I짼C interface
13-Sep-2012
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
LM27966 White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF04 STMICROELECTRONICS-STCF04 Datasheet
1Mb / 43P
High power white LED SuperCap™ driver with I²C interface
September 2012 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com