| Electronic Components Datasheet Search |
|
EM351-RTR Datasheet(PDF) 39 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM351-RTR Datasheet(HTML) 39 Page - Silicon Laboratories |
|
39 / 241 page ![]() Rev 1.3 39 6.2.1.8. Deep Sleep Reset The Power Management module informs the Reset Generation module of entry into and exit from the deep sleep states. The deep sleep reset is applied in the following states: before entry into deep sleep, while removing power from the memory and core domain, while in deep sleep, while waking from deep sleep, and while reapplying power until reliable power levels have been detect by POR LV. The Power Management module allows a special emulated deep sleep state that retains memory and core domain power while in deep sleep. 6.2.2. Reset Recording The EM35x records the last reset condition that generated a restart to the system. The reset conditions recorded are as follows: POR HV always-on domain power supply failure POR LV core domain (POR LVcore) or memory domain (POR LVmem) power supply failure nRESET pin reset asserted watchdog watchdog timer expired SYSRESETREQ software reset by SYSERSETREQ from ARM® CortexTM-M3 CPU deep sleep wakeup wake-up from deep sleep option byte error error check failed when reading option bytes from flash Note: While CPU Lockup is shown as a reset condition in software, CPU Lockup is not specifically a reset event. CPU Lockup is set to indicate that the CPU entered an unrecoverable exception. Execution stops but a reset is not applied. This is so that a debugger can interpret the cause of the error. Silicon Labs recommends that in a live application (in other words, no debugger attached) the watchdog be enabled by default so that the EM35x can be restarted. 6.2.3. Reset Generation Module The Reset Generation module responds to reset sources and generates the following reset signals: PORESET Reset of the ARM® CortexTM-M3 CPU and ARM® CortexTM-M3 System Debug components (Flash Patch and Breakpoint, Data Watchpoint and Trace, Instrumentation Trace Macrocell, Nested Vectored Interrupt Controller). ARM defines PORESET as the region that is reset when power is applied. SYSRESET Reset of the ARM® CortexTM-M3 CPU without resetting the Core Debug and System Debug components, so that a live system can be reset without disturbing the debug configuration. DAPRESET Reset to the SWJ’s AHB Access Port (AHB-AP) PRESETHV Peripheral reset for always-on power domain, for peripherals that are required to retain their configuration across a deep sleep cycle PRESETLV Peripheral reset for core power domain, for peripherals that are not required to retain their configuration across a deep sleep cycle |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |