Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS002-R Datasheet(PDF) 11 Page - Silicon Laboratories

Part # AMS002-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS002-R Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button AMS002-R Datasheet HTML 7Page - Silicon Laboratories AMS002-R Datasheet HTML 8Page - Silicon Laboratories AMS002-R Datasheet HTML 9Page - Silicon Laboratories AMS002-R Datasheet HTML 10Page - Silicon Laboratories AMS002-R Datasheet HTML 11Page - Silicon Laboratories AMS002-R Datasheet HTML 12Page - Silicon Laboratories AMS002-R Datasheet HTML 13Page - Silicon Laboratories AMS002-R Datasheet HTML 14Page - Silicon Laboratories AMS002-R Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Bluetooth RF Specifications, Section 4
ADS-MS00x-107R • Preliminary Data Sheet
Page | 7
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
4.3 Transmitter Specifications
Table 10. Transmitter Performance Specifications
Parameter
Condition/Notes
Min
Typical
Max
Unit
Frequency Range
2402
2480
MHz
Operating Temperature
-30
+85
°C
Transmit power2
4.0
dBm
Transmit power variation
Process dependent
2.0
Transmit Power Range
Adjustable via software control
-20
4
dBm
Channel Spacing
2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com