Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS002-R Datasheet(PDF) 10 Page - Silicon Laboratories

Part # AMS002-R
Description  Embedded Bluetooth Low Energy Solutions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS002-R Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button AMS002-R Datasheet HTML 6Page - Silicon Laboratories AMS002-R Datasheet HTML 7Page - Silicon Laboratories AMS002-R Datasheet HTML 8Page - Silicon Laboratories AMS002-R Datasheet HTML 9Page - Silicon Laboratories AMS002-R Datasheet HTML 10Page - Silicon Laboratories AMS002-R Datasheet HTML 11Page - Silicon Laboratories AMS002-R Datasheet HTML 12Page - Silicon Laboratories AMS002-R Datasheet HTML 13Page - Silicon Laboratories AMS002-R Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Bluetooth RF Specifications, Section 4
ADS-MS00x-107R • Preliminary Data Sheet
Page | 6
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
4 Bluetooth RF Specifications
Unless otherwise stated, the specifications in this section apply when the operating conditions are within the limits
specified in Section 3.2, Recommended Operating Conditions. Functional operation outside these limits is not guar-
anteed.
All specifications are measured with a coax pigtail soldered to the PCB antenna feed point, with VDD = 3.0V and at a
room temperature of 25°C.
4.1 Summary RF Specifications
Table 8. Summary RF Specifications
Feature Supported
Description
Bluetooth Standard
Version 4.1
Frequency Band
2.400 GHz – 2.500 GHz
Channels (2MHz spacing)
3 x Advertising channels @ 2402 / 2426 / 2480 MHz
36 x Data channels
Maximum Raw Data Rate
1 Mbit/s
Maximum Application Data Rate
0.27 Mbit/s
Modulation Type
DSSS: GFSK (modulation index = 0.5)
Maximum RF Input
-10 dBm
Typical Receive Sensitivity
-94 dBm
Maximum RF Tx Output Power
+4 dBm
Carrier Frequency Accuracy
±20 ppm (24 MHz crystal, ±20 ppm stability @ 25°C)
4.2 Receiver Specifications
Table 9. Receiver Performance Specifications
Parameter
Condition/Notes
Min.
Typical
Max.
Unit
Frequency Range
2402
2480
MHz
Operating Temperature
-30
+85
°C
Receive Sensitivity
200 x 37-byte packets with 30.8% PER
-94
dBm
Maximum Receive Level
-10
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com